전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA5170 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TEA5170
상세설명  SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5170 데이터시트(HTML) 3 Page - STMicroelectronics

  TEA5170 Datasheet HTML 1Page - STMicroelectronics TEA5170 Datasheet HTML 2Page - STMicroelectronics TEA5170 Datasheet HTML 3Page - STMicroelectronics TEA5170 Datasheet HTML 4Page - STMicroelectronics TEA5170 Datasheet HTML 5Page - STMicroelectronics TEA5170 Datasheet HTML 6Page - STMicroelectronics TEA5170 Datasheet HTML 7Page - STMicroelectronics TEA5170 Datasheet HTML 8Page - STMicroelectronics TEA5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OSCILLATOR
TA
Free Period
RT = 100k
Ω ± 0%
CT = 1.2nF
± 0%, Vcc = 12V
60.40 65.60 70.80
µS
TB
RT = 100k
Ω ± 0%
CT = 560pF
± 0%, Vcc = 12V
29.18 31.70 34.22
µS
∆FOSC
(T)
Frequency drift due to ambient
temperature variation from 0
oC to 70oC
FOSC
(70oC) − FOSC (0oC)
70
oC x F
OSC
(25oC)
RT = 100k
Ω ± 0%
CT = 1.2nF
± 0%, Vcc = 12V
0.01
%/
°C
∆FOSC
(VCC)
Frequency drift due to VCC variation
from 5V to 12V
FOSC
(12V) − FOSC
(5V)
7V x FOSC
(12V)
RT = 100k
Ω ± 0%
CT = 1.2nF
± 0%
0.07
%/V
ERROR VOLTAGE AMPLIFIER (VCC = 12V)
Ibias
Input Bias Current
Ein = 2V
0
0.2
1
µA
Gvol
Voltage Gain
80
dB
GB
Gain Bandwidth
2
MHz
Slew Rate
2V/
µs
INTERNAL VOLTAGE REFERENCE
VREF
Voltage Reference
Using the voltage error
amplifier as a follower
1.9
2
2.1
V
∆VREF (VCC) Line Regulation
VREF
(12V) − VREF
(5V)
7V
VCC = 5V to 12V
– 3
0.4
3
mV/V
∆VREF (T)
VREF drift with temperature
VREF
(70oC) − VREF (0oC)
70
oC
TA = 0
°C to 70°C
0.2
mV/
°
TON MIN
TONMIN A
Minimum Duty Cycle
Ct = 1.2nF
± 0%
Rt = 100k
Ω ± 0%
1.77
2.53
3.29
µs
TONMIN B
Minimum Duty Cycle
Ct = 560pf
± 0%
Rt = 100k
Ω ± 0%
1.04
1.49
1.94
µs
POWER OUTPUT STAGE
VPOUTH
Output High Level
Iload = 1mA
6.3
6.9
7.5
V
VPOUTL
Output Low Level
Iload = – 1mA
0.5
0.8
1.1
V
ISINK
Sink Current
VPOUT = 3V
30
60
190
mA
ISOURCE
Source Current
VPOUT = 3V
30
110
190
mA
SYNCHRONISATION
Ftrig Max
Maximum Synchro Frequency
64
kHz
Vtrig
Synchro Triggering Threshold
2.7
3
V
Ttrigp
Synchro Triggering Pulse Width
at VRT = 2.7Volt (fig 5)
800
nS
Wtrig +
Positive Triggering Window
Ttrig+ TO
TO
CT = 1.2nF
± 0%
RT = 100k
Ω ± 0%
25
35
40
%
Wtrig –
Negative Triggering Window
TO
− Ttrig
TO
CT = 1.2nF
± 0%
RT = 100k
Ω ± 0%
929
42
%
SOFT START
Icsf
*Csf Load Current
Vcsf = 1V
2.5
3.7
6
µA
Donmax
Maximum Duty Cycle
Vcs > 2.5V, VCC = 12V
CT = 1.2nf
± 0%
RT = 100k
Ω ± 0%
60
78
95
%
*Csf is a high impedance capacitor
TEA5170
3/9


유사한 부품 번호 - TEA5170

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
June 1993
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
May 1996
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
More results

유사한 설명 - TEA5170

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com