전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST303S12PFK0P 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 ST303S12PFK0P
상세설명  Inverter Grade Thyristors (Stud Version), 300 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST303S12PFK0P 데이터시트(HTML) 7 Page - Vishay Siliconix

  ST303S12PFK0P Datasheet HTML 1Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 2Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 3Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 4Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 5Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 6Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 7Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 8Page - Vishay Siliconix ST303S12PFK0P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94375
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
7
ST303SPbF Series
Inverter Grade Thyristors
(Stud Version), 300 A
Vishay High Power Products
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-State Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
200
Pulse Basewidth (µs)
2000
Snub ber circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
ST303SSeries
Trapezoidal pulse
T = 40°C
di/ d t = 100A/ µs
C
tp
500
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
ST303SSeries
Trapezoidal pulse
T = 65°C
di/ d t = 100A/ µs
C
Snub b er c irc uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
tp
500
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joules p er p ulse
2
1
0.5
10
5
3
0.4
ST303SSeries
Sinusoid al p ulse
tp
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joulesp er pulse
2
1
0.5
10
5
ST303SSeries
Rectangula r p ulse
di/ dt = 50A/ µs
tp
3
0.4
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
InstantaneousGate Current (A)
Rec tangular gate pulse
a) Recommended load line for
b) Recommended load line for
<=30%rated di/ dt : 10V, 10ohms
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 60W, tp = 3.3ms
(3)
Device: ST303SSeries
(4)
Frequency Limited by PG(AV)


유사한 부품 번호 - ST303S12PFK0P

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST303S12PFK0 IRF-ST303S12PFK0 Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
More results

유사한 설명 - ST303S12PFK0P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST303SP VISHAY-VS-ST303SP_V01 Datasheet
324Kb / 10P
   Inverter Grade Thyristors (Stud Version), 300 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com