전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST333CPBF 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 ST333CPBF
상세설명  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333CPBF 데이터시트(HTML) 6 Page - Vishay Siliconix

  ST333CPBF Datasheet HTML 1Page - Vishay Siliconix ST333CPBF Datasheet HTML 2Page - Vishay Siliconix ST333CPBF Datasheet HTML 3Page - Vishay Siliconix ST333CPBF Datasheet HTML 4Page - Vishay Siliconix ST333CPBF Datasheet HTML 5Page - Vishay Siliconix ST333CPBF Datasheet HTML 6Page - Vishay Siliconix ST333CPBF Datasheet HTML 7Page - Vishay Siliconix ST333CPBF Datasheet HTML 8Page - Vishay Siliconix ST333CPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94376
6
Revision: 30-Apr-08
ST333CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovered Current Characteristics
Fig. 13 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90 100
I
= 500 A
300 A
200 A
100 A
50 A
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
TM
ST333C..C Series
T = 125 °C
J
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
TM
ST333C..C Series
T = 125 °C
J
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewid th (µs)
1000
1500
3000
200
500
5000
ST333C..C Series
Sinusoid a l pulse
T = 40°C
C
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
tp
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
3000
200
500
5000
ST333C..C Series
Sinusoida l pulse
T = 55°C
C
Snub b er c irc uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
2000
200
500
Pulse Basewidth (µs)
ST333C..C Series
Tra pezoida l pulse
T = 40°C
di/ dt = 50A/ µs
3000
Snub b er c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
C
tp
5000
1E1
1E2
1E3
1E4
50 Hz
400
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
2500
Snub ber c irc uit
R = 10 ohms
C
= 0.47 µF
V
= 80%VDRM
s
s
D
ST333C..C Series
Trap ezoid al pulse
T = 55°C
di/ dt = 100A/ µs
C
3000
5000
tp


유사한 부품 번호 - ST333CPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0 VISHAY-ST333C08CHK0 Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0L VISHAY-ST333C08CHK0L Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
More results

유사한 설명 - ST333CPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com