전자부품 데이터시트 검색엔진 |
|
STC15-25C5 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
STC15-25C5 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 7 page Document Number: 43006 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 10-Dec-07 91 STC Vishay Sprague Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar FEATURES • Subminiature package size and light weight • Rectangular case with axial or radial leads • 2 to 35 V DC • 0.1 µF to 470 µF • Operating temperature range: - 55 °C to + 125 °C • High stability and reliability • Tested in accordance with MIL-PRF-49137 • Unique and comprehensive custom design capability ELECTRICAL CHARACTERISTICS Operating temperature range: - 55 °C to + 125 °C Capacitance: Measured at 120 Hz and 25 °C with a maximum of 2.2 VDC bias and 1.0 Vrms signal. Capacitance Tolerance: Standard tolerance is ± 20 % for ratings 0.1 µF and above, and + 40, - 20 % for ratings below 0.1 µF. Special tolerances are also available. Dissipation Factor: When measured simultaneously with capacitance, DF shall not exceed the value shown in the ratings tables. DC Leakage Current (DCL Max.): When measured with DC voltage applied through a 1000 Ω resistor for 5 min, DC leakage (µA) shall not exceed: At 25 °C: Leakage current shall not exceed the values listed in the Standard Ratings Tables At 85 °C: Leakage current shall not exceed 10 times the values listed in the Standard Ratings Tables At 125 °C and 66 % of Rated Voltage: Leakage current shall not exceed 15 times the values listed in the Standard Ratings Tables Operating Voltage: Full working voltage up to 85 °C. From 85 °C to 125 °C working voltage derates linearly to 66 % of the 85 °C working voltage APPLICATIONS • Hearing aids • Portable communications • Space/avionics • Laptop computers MECHANICAL SPECIFICATIONS Solder coated nickel leads (type N32 per MIL-STD-1276) are standard on all case sizes Leads are weldable and/or solderable Special leads are available on request (e.g. bare nickel, gold plated nickel or ribbon leads) Lead length is 1 1/2" [38.1 mm] minimum on nonpolar parts On polar parts the negative lead is 1 1/4" [31.8 mm] minimum and the positive lead is 1 1/2" [38.1 mm] minimum Note: (1) To complete part number in rating tables, add A or R. Change suffix if special capacitance tolerance is required. ORDERING INFORMATION STC 1.0 35 C2 A (1) M MODEL CAPACITANCE IN µF DC VOLTAGE RATING AT + 85 °C CASE CODE LEAD CONFIGURATION CAPACITANCE TOLERANCE C = Polar N = Non-polar A = Axial R = Radial E = + 40, - 20 % M = ± 20 % K = ± 10 % J = ± 5 % Example of Part Number Code: STC1.0-35C2AM |
유사한 부품 번호 - STC15-25C5 |
|
유사한 설명 - STC15-25C5 |