전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD-700-KAF-GEC-77.760 데이터시트(PDF) 10 Page - Vectron International, Inc

부품명 CD-700-KAF-GEC-77.760
상세설명  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-KAF-GEC-77.760 데이터시트(HTML) 10 Page - Vectron International, Inc

Back Button CD-700-KAF-GEC-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 9Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 10Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 11Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 12Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 13Page - Vectron International, Inc CD-700-KAF-GEC-77.760 Datasheet HTML 14Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 10 of 14
Rev : 06Apr08
Figure 9. 8kHz to 19.44MHz Frequency Translation
Figure 10. 40.000 MHz NRZ Clock Recovery
40.000 Mb/s (pin 5)
pin 13
40.000 MHz
pin 16
pin 1
pin 2
pin 3
55k
0.1uF
55k
5.0 V
10k, 2.2uF
10k
(pin 6)
CD-700
8 kHz (pin 5)
pin 13
pin 1
pin 15
pin 16
pin 2
pin 3
20k 0.01uF 20k 2.2uF 330k 20k
0.1uF
10k , 2.2uF
10k
÷ 1215
16kHz (pin 6)
CD-700
19.440MHz
pin 15
VCXO
VCXO
÷
÷
3.3 V


유사한 부품 번호 - CD-700-KAF-GEC-77.760

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CD-700-KAF-GEB-XX.XXX ETC1-CD-700-KAF-GEB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

유사한 설명 - CD-700-KAF-GEC-77.760

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com