전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDFGLA-25M125 데이터시트(PDF) 7 Page - Vectron International, Inc

부품명 CDFGLA-25M125
상세설명  3.3, 5.0 volt CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CDFGLA-25M125 데이터시트(HTML) 7 Page - Vectron International, Inc

  CDFGLA-25M125 Datasheet HTML 1Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 2Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 3Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 4Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 5Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 6Page - Vectron International, Inc CDFGLA-25M125 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
C-TYPE Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Ordering Information
C
-
Supply Voltage
Output Frequency
C=5.0V (±10%)
In MHZ
D=3.3V (±10%)
Type
F: No Tristate
T: Tristate
Stability
C : ±20ppm
D: ±25ppm
E: ±30ppm
F: ±32ppm
G: ±50ppm
H: ±100ppm
Symmetry
A=45/55%,TTL, 50pf
J=45/55%, CMOS, 15pf
R=45/55%, TTL,50pf
P=45/55%, CMOS 50pf
Temperature Options
C: 0 to 70°C
D: -10 to 70°C
E: 0 to 85°C
H: -20 to 70°C
L: -40 to 85°C
Note: Not all combinations are available.
www.vectron.com
October27, 2006
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
X
X
X
25M000
X
X


유사한 부품 번호 - CDFGLA-25M125

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
CDFGS187 MOLEX4-CDFGS187 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
CDFGS187 MOLEX4-CDFGS187 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag
More results

유사한 설명 - CDFGLA-25M125

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCB2 VECTRON-VCB2 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com