전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA059-069-45-32 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TA059-069-45-32
상세설명  5.9 - 6.9 GHz 2 W Communication Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA059-069-45-32 데이터시트(HTML) 1 Page - Transcom, Inc.

  TA059-069-45-32 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA059-069-45-32
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County,Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
5.9 – 6.9 GHz 2 W Communication Amplifier
FEATURES
• P
-1 dB: 33 dBm
• Noise Figure: 4 dB
• IP3: 42 dBm
• Bias Condition: 1400 mA @ 12 V
• Small Signal Gain: 45 dB
DESCRIPTION
The TA059-069-45-32 is a 2 W power amplifier designed for high linearity applications in the 5.9 to 6.9
GHz frequency range. This amplifier utilizes high power devices that provide excellent linearity, high gain
and wide dynamic range. High efficiency operation is achieved by using hybrid MIC designs and advanced
GaAs PHEMT devices. The amplifier requires only a +12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
5.9
6.9
GHz
SSG
Small Signal Gain
45*
dB
GOF
Small Signal Gain Flatness
± 0.5
± 1.0
dB
P-1 dB
Output Power at 1 dB Gain Compression
32
33
dBm
IP3
Third Order Intercept Point
41
42
dBm
NF
Noise Figure
4
5
dB
VSWR, IN
Input VSWR
1.5:1
1.8:1
-
VSWR, OUT Output VSWR
1.5:1
1.8:1
-
VDC
DC Supply Voltage (with built-in regulator)
12
Volt
IDC
Current Supply
1.4
1.5
A
OTR
Operating Temperature Range
-30
60
°C
∗ Actual gain and current depend on configuration.
CASE: HA1
Note: The previous product part number of TA059-069-45-32 is TC5551J.


유사한 부품 번호 - TA059-069-45-32

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA059-069-48-36 TRANSCOM-TA059-069-48-36 Datasheet
31Kb / 1P
   5.9 - 6.9 GHz 4W Communication Amplifier
More results

유사한 설명 - TA059-069-45-32

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA059-069-48-36 TRANSCOM-TA059-069-48-36 Datasheet
31Kb / 1P
   5.9 - 6.9 GHz 4W Communication Amplifier
logo
WOLFSPEED, INC.
CMPA5259080S WOLFSPEED-CMPA5259080S Datasheet
1Mb / 16P
   80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
logo
Cree, Inc
CMPA5259050S CREE-CMPA5259050S Datasheet
1Mb / 16P
   50 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
CMPA5259080S CREE-CMPA5259080S Datasheet
1Mb / 16P
   80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5259050S WOLFSPEED-CMPA5259050S Datasheet
1Mb / 16P
   50 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-10-7
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
   5.3 - 5.9 GHz 2W Amplifier
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
logo
Transcom, Inc.
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 8W Amplifier
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com