전자부품 데이터시트 검색엔진 |
|
LCC20AK10R0DT1 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
LCC20AK10R0DT1 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 4 page LCC, TLCC Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks Vishay Thin Film Document Number: 60012 For technical questions, contact: thin-film@vishay.com www.vishay.com Revision: 31-Jul-08 39 Note (1) LCC or LCCT only available in 20 pin size MECHANICAL SPECIFICATIONS Resistive Element Passivated nichrome Substrate Material Alumina Body Ceramic Terminals Gold over nickel Marking Resistance to Solvents Per MIL-PRF-83401 Lead (Pb)-free Option 96.5 % Sn, 3.0 % Ag, 0.5 % Cu Lead (Pb)-free Finish Hot solder dip GLOBAL PART NUMBER INFORMATION New Global Part Numbering: TLCC20AE1002BUF (preferred part number format) GLOBAL MODEL (4 or 5 digits) TERMINAL COUNT (1) SCHEMATICS (4 or 5 digits) TCR CHARACTERISTICS RESISTANCE TOLERANCE PACKAGING LCC (Tin lead) LCCT (Tin lead) TLCC (Lead (Pb)-free) TLCCT (Lead (Pb)-free) (e1) 20 20 16 20 24 16 20 24 A =Isolated resistors B = Resistor to common bus A01 = Resistor to common bus A03 = Isolated parallel resistor A06 =Isolated adjacent resistor E = 25 ppm/°C H = 50 ppm/°C K = 100 ppm/°C M = 300 ppm/°C First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 10R0 = 10 Ω 12R5 = 12.5 Ω 1000 = 100 Ω 1001 = 1000 Ω B = 0.1 % D = 0.5 % F = 1 % G = 2 % J = 5 % K = 10 % S = Special TAPE AND REEL T0 = 100 min. 100 mult T1 = 1000 min. 1000 mult T3 = 300 min. 300 mult T5 = 500 min. 500 mult TF = Full reel 2000 TS = 100 min. 1 mult UF = TUBED Historical Part Number example: LC20BK1003J (will continue to be accepted) LC 20 B K 1003 J SERIES PINS SCHEMATIC TCR CHARACTERISTIC RESISTANCE TOLERANCE CT 1 6 A 0 1 K 10 03 K TL C UF C2 0 A E 10 02 B TL C UF |
유사한 부품 번호 - LCC20AK10R0DT1 |
|
유사한 설명 - LCC20AK10R0DT1 |