전자부품 데이터시트 검색엔진 |
|
CDFGDP-25M125 데이터시트(PDF) 3 Page - Vectron International, Inc |
|
CDFGDP-25M125 데이터시트(HTML) 3 Page - Vectron International, Inc |
3 / 7 page C-TYPE Data Sheet Vectron International 267 Lowell Rd, Hudson NH 03051 Tel: 1-88-VECTRON-1 e-mail vectron@vectron.com Table 2. Electrical Performance, 3.3V option Parameter Symbol Min Typical Maximum Units Frequency fO 0.012 190.000 MHz Operating Supply Voltage 1 VDD 2.97 3.3 3.63 V Absolute Maximum Operating Voltage -0.5 5.0 V Supply Current, Output Enabled < 1.500 MHz 1.5 to 20 MHz 20.01 to 50 MHz 50.01 to 85 MHz 85.01 to 190 MHz IDD 5 7 20 30 50 mA Supply Current, Output disabled IDD 30 uA Output Logic Levels Output Logic High 2 Output Logic Low 2 Output Logic High Drive Output Logic Low Drive VOH VOL IOH IOL 0.9*VDD 8 8 0.1*VDD V V mA mA Output Rise/Fall Time 2 < 1.00 MHz 1.00 to 20.00 MHz 20.01 to 50.00 MHz 50.01 to 90.00 MHz 90.01 to 190.00 MHz tR/tF 200 6 4 3 2 ns Duty Cycle 3 (ordering option) SYM 45/55 % Operating Temperature (ordering option) -10/70 or –40/85 °C Storage Temperature -55 125 °C Stability 4 (ordering option) ±20, ±25, ±32, ±50, ±100 ppm RMS Jitter, 12kHz to 20 MHz 0.5 1 ps RMS Jitter 2.5 ps Output Enable/Disable 5 Output Enabled Output Disabled 2.0 0.5 V Internal Enable Pull-Up resistor 5 100 Kohm Start-up time 10 ms 1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended. 2. Figure 3 defines these parameters. Figure 4 illustrates the operating conditions under which these parameters are tested and specified. For Fo>90MHz, rise and fall time is measured 20 to 80%. 3. Symmetry is measured defined as On Time/Period. 4. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under operation). 5. Output will be enabled if enable/disable is left open. Figure 3. Output Waveform Figure 4. Typical Output Test Conditions (25 ±5°C) + - + - IC V C 3 2 .1 µF .01 µF 15pF 4 1 I DD VDD VOH 50% VOL t F tR Period On Time |
유사한 부품 번호 - CDFGDP-25M125 |
|
유사한 설명 - CDFGDP-25M125 |