전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2625 데이터시트(PDF) 3 Page - Mospec Semiconductor

부품명 2SC2625
상세설명  POWER TRANSISTORS(10A,400V,80W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2625 데이터시트(HTML) 3 Page - Mospec Semiconductor

  2SC2625 Datasheet HTML 1Page - Mospec Semiconductor 2SC2625 Datasheet HTML 2Page - Mospec Semiconductor 2SC2625 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


유사한 부품 번호 - 2SC2625

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SC2625 ETC-2SC2625 Datasheet
105Kb / 1P
   MOLD TYPE BIPOLAR TRANSISTORS
logo
Unisonic Technologies
2SC2625 UTC-2SC2625 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Fuji Electric
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC2625 ETC1-2SC2625 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Unisonic Technologies
2SC2625 UTC-2SC2625 Datasheet
98Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
More results

유사한 설명 - 2SC2625

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
   POWER TRANSISTORS(10A,80W)
MJE13007A MOSPEC-MJE13007A Datasheet
180Kb / 4P
   POWER TRANSISTORS(8A,400V,80W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
   POWER TRANSISTORS(8.0A,400V,80W)
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
   POWER TRANSISTORS(10A,200V,80W)
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
   POWER TRANSISTORS(7A,300-400V,80W)
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
   POWER TRANSISTORS(8A,300-400V,80W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,120-160V,80W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com