전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1882AJCPZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1882AJCPZ
상세설명  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1882AJCPZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1882AJCPZ Datasheet HTML 5Page - Analog Devices AD1882AJCPZ Datasheet HTML 6Page - Analog Devices AD1882AJCPZ Datasheet HTML 7Page - Analog Devices AD1882AJCPZ Datasheet HTML 8Page - Analog Devices AD1882AJCPZ Datasheet HTML 9Page - Analog Devices AD1882AJCPZ Datasheet HTML 10Page - Analog Devices AD1882AJCPZ Datasheet HTML 11Page - Analog Devices AD1882AJCPZ Datasheet HTML 12Page - Analog Devices AD1882AJCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1882A
Rev. 0
|
Page 9 of 20
|
August 2008
Table 6. AD1882A Pin Descriptions
Mnemonic
Pin No.
Function
Description
DIGITAL INTERFACE
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET
5
6
8
10
11
I
I
I/O
I
I
Link Serial Data Output. AD1882A input stream. Clocked on both edges of the
BIT_CLK.
Link Bit Clock. 24.000 MHz serial data clock.
Link Serial Data Input. AD1882A output stream clocked only on one edge of BIT_CLK.
Link Frame Sync.
Link Reset. AD1882A master hardware reset
DIGITAL I/O
GPIO_0
GPIO_1/EAPD
S/PDIF_OUT
DM_DATA
DM_CLK
2
47
48
45
46
I/O
I/O
O
I
O
General-Purpose Input/Output. Supports S/PDIF output as primary function.
General-Purpose Input/Output Pin/EAPD Pin. Digital signal used to control external
circuitry. By default pin is in a high-Z state. When used as EAPD: high-Z = amp-on,
DVSS = amp off.
S/PDIF output.
Digital Microphone Data Input. Support for 2 digital microphones
Digital Microphone Clock Output.
JACK SENSE AND EAPD
SENSE_A/SRC_B
SENSE_B/SRC_A
13
34
I/O
I/O
JACK SENSE A-D Input/Sense B Drive.
JACK SENSE E-H Input/Sense A Drive.
ANALOG I/O
PCBEEP
PORT-E_L
PORT-E_R
PORT-F_L
PORT-F_R
CD_L
CD_GND
CD_R
PORT-B_L
PORT-B_R
PORT-C_L
PORT-C_R
PORT-D_L
PORT-D_R
PORT-A_L
MONO_OUT
PORT-A_R
PORT-G_L
PORT-G_R
12
14
15
16
17
18
19
20
21
22
23
24
35
36
39
40
41
43
44
LI
LI, MIC, LO, SWAP
LI, MIC, LO, SWAP
I/O
I/O
LI
LI
LI
LI, MIC, HP, LO
LI, MIC, HP, LO
LI, MIC, LO
LI, MIC, LO
LI, HP, LO
LI, HP, LO
LI, MIC, HP, LO
LO
LI, MIC, HP, LO
LO, SWAP
LO, SWAP
Monaural Input from System for Analog PCBeep.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
CD Audio Left Channel.
CD Audio Analog Ground Reference (for Differential CD Input). Must be connected to
AGND via 0.1
μF capacitor if not in use as CD_GND.
CD Audio Right Channel.
Front Panel Stereo MIC/Line-In.
Front Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Headphone/Line-Out.
Rear Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
Monaural Output to Internal Speaker or Telephony Subsystem Speakerphone.
Front Panel Headphone/Line-Out.
Rear Panel C/LFE Output.
Rear Panel C/LFE Output.
FILTER/REFERENCE
MIC_BIAS-B
MIC_BIAS-C
MIC_BIAS-E
28
29
31
O
O
O
Switchable Microphone Bias. For use with Port B (Pins 21, 22).
Switchable Microphone Bias. For use with Port C (Pins 23, 24).
Switchable Microphone Bias. For use with Port E (Pins 14, 15).
DVCORE
1
O
CAUTION: DO NOT APPLY 3.3 V TO THIS PIN!
Filter connection for internal core voltage regulator.
This pin must be connected to filter caps: 10
μF, 1.0 μF, and 0.1 μF connected in
parallel between Pin 1 and DVSS (Pin 4).
VREF_FLT
27
O
Voltage Reference Filter. This pin must be connected to filter caps: 1.0
μF and 0.1μF
connected in parallel between Pin 27 and AVSS (Pins 26, 42).
The symbols used in this table are defined as: I = input, O = output, LI = line level input, LO = line level output, HP = output capable of driving
headphone load, MIC = input supports microphones with MIC bias and boost amplifier, SWAP = outputs can swap L/R channels (typically
used to support C/LFE or shared C/LFE function).


유사한 부품 번호 - AD1882AJCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

유사한 설명 - AD1882AJCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com