전자부품 데이터시트 검색엔진 |
|
AD5734 데이터시트(PDF) 9 Page - Analog Devices |
|
AD5734 데이터시트(HTML) 9 Page - Analog Devices |
9 / 32 page AD5724/AD5734/AD5754 Rev. 0 | Page 9 of 32 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 AD5724/ AD5734/ AD5754 CLR LDAC AVSS NC VOUTA VOUTB SYNC NC BIN/2sCOMP GND SDO REFIN SIG_GND SCLK SDIN NC AVDD VOUTC VOUTD SIG_GND DAC_GND DAC_GND DVCC NC TOP VIEW (Not to Scale) NOTES 1. NC = NO CONNECT. 2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE THERMALLY CONNECTED TO A COPPER PLANE FOR ENHANCED THERMAL PERFORMANCE. Figure 5. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 AVSS Negative Analog Supply. Voltage ranges from −4.5 V to −16.5 V. This pin can be connected to 0 V if output ranges are unipolar. 2, 6, 12, 13 NC Do not connect to these pins. 3 VOUTA Analog Output Voltage of DAC A. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load. 4 VOUTB Analog Output Voltage of DAC B. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load. 5 BIN/2sCOMP Determines the DAC coding for a bipolar output range. This pin should be hardwired to either DVCC or GND. When hardwired to DVCC, input coding is offset binary. When hardwired to GND, input coding is twos complement. (For unipolar output ranges, coding is always straight binary). 7 SYNC Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data is transferred on the falling edge of SCLK. Data is latched on the rising edge of SYNC. 8 SCLK Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This operates at clock speeds up to 30 MHz. 9 SDIN Serial Data Input. Data must be valid on the falling edge of SCLK. 10 LDAC Load DAC, Logic Input. This is used to update the DAC registers and consequently, the analog outputs. When this pin is tied permanently low, the addressed DAC register is updated on the rising edge of SYNC. If LDAC is held high during the write cycle, the DAC input register is updated, but the output update is held off until the falling edge of LDAC. In this mode, all analog outputs can be updated simultaneously on the falling edge of LDAC. The LDAC pin should not be left unconnected. 11 CLR Active Low Input. Asserting this pin sets the DAC registers to zero-scale code or midscale code (user-selectable). 14 DVCC Digital Supply. Voltage ranges from 2.7 V to 5.5 V. 15 GND Ground Reference. 16 SDO Serial Data Output. Used to clock data from the serial register in daisy-chain or readback mode. Data is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK. 17 REFIN External Reference Voltage Input. Reference input range is 2 V to 3 V. REFIN = 2.5 V for specified performance. 18, 19 DAC_GND Ground Reference for the Four Digital-to-Analog Converters. 20, 21 SIG_GND Ground Reference for the Four Output Amplifiers. 22 VOUTD Analog Output Voltage of DAC D. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load. 23 VOUTC Analog Output Voltage of DAC C. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load. 24 AVDD Positive Analog Supply. Voltage ranges from 4.5 V to 16.5 V. Exposed Paddle AVSS Negative Analog Supply Connection. Voltage ranges from −4.5 V to −16.5 V. This paddle can be connected to 0 V if output ranges are unipolar. The paddle can be left electrically unconnected provided that a supply connection is made at the AVSS pin. It is recommended that the paddle be thermally connected to a copper plane for enhanced thermal performance. |
유사한 부품 번호 - AD5734 |
|
유사한 설명 - AD5734 |