전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5821A-WAFER 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5821A-WAFER
상세설명  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5821A-WAFER 데이터시트(HTML) 3 Page - Analog Devices

  AD5821A-WAFER Datasheet HTML 1Page - Analog Devices AD5821A-WAFER Datasheet HTML 2Page - Analog Devices AD5821A-WAFER Datasheet HTML 3Page - Analog Devices AD5821A-WAFER Datasheet HTML 4Page - Analog Devices AD5821A-WAFER Datasheet HTML 5Page - Analog Devices AD5821A-WAFER Datasheet HTML 6Page - Analog Devices AD5821A-WAFER Datasheet HTML 7Page - Analog Devices AD5821A-WAFER Datasheet HTML 8Page - Analog Devices AD5821A-WAFER Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD5821A
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, load resistance (RL) = 25 Ω connected to VDD. All specifications TMIN to TMAX, unless
otherwise noted.
Table 1.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC PERFORMANCE
VDD = 3.6 V to 4.5 V; device operates over 2.7 V to 5.5 V
with reduced performance
Resolution
10
Bits
117 μA/LSB
Relative Accuracy2
±1.5
±4
LSB
Differential Nonlinearity2, 3
±1
LSB
Guaranteed monotonic over all codes
Zero-Code Error2, 4
0
0.5
1
mA
All 0s loaded to DAC
Offset Error @ Code 162
0.5
mA
Gain Error2
±0.6
% of FSR
at 25°C
Offset Error Drift4, 5
10
μA/°C
Gain Error Drift2, 5
±0.2
±0.5
LSB/°C
OUTPUT CHARACTERISTICS
Minimum Sink Current4
3
mA
Maximum Sink Current
120
mA
Output Current During XSHUTDOWN5
80
nA
XSHUTDOWN = 0
Output Compliance5
0.6
VDD
V
Output voltage range over which maximum 120 mA
sink current is available
Output Compliance5
0.48
VDD
V
Output voltage range over which 90 mA sink current
is available
Power-Up Time5
20
μs
To 10% of FS, coming out of power-down mode; VDD = 5 V
LOGIC INPUTS (XSHUTDOWN)5
Input Current
±1
μA
Input Low Voltage, VINL
0.54
V
VDD = 2.7 V to 5.5 V
Input High Voltage, VINH
1.26
V
VDD = 2.7 V to 5.5 V
Pin Capacitance
3
pF
LOGIC INPUTS (SCL, SDA)5
Input Low Voltage, VINL
−0.3
+0.54
V
VDD = 2.7 V to 3.6 V
Input High Voltage, VINH
1.26
VDD + 0.3
V
VDD = 2.7 V to 3.6 V
Input Low Voltage, VINL
−0.3
+0.54
V
VDD = 3.6 V to 5.5 V
Input High Voltage, VINH
1.4
VDD + 0.3
V
VDD = 3.6 V to 5.5 V
Input Leakage Current, IIN
±1
μA
VIN = 0 V to VDD
Input Hysteresis, VHYST
0.05 VDD
V
Digital Input Capacitance, CIN
6
pF
Glitch Rejection6
50
ns
Pulse width of spike suppressed
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode)
0.5
1
mA
IDD specification is valid for all DAC codes;
VINH = 1.8 V, VINL = GND, VDD = 2.7 V to 3.6 V
IDD (Power-Down Mode)7
0.5
μA
VINH = 1.8 V, VINL = GND, VDD = 3 V
1 Temperature range for the B version is −30°C to +85°C.
2 See the Terminology section.
3 Linearity is tested using a reduced code range: Code 32 to Code 1023.
4 To achieve near zero output current, use the power-down feature.
5 Guaranteed by design and characterization; not production tested. XSHUTDOWN is active low. SDA and SCL pull-up resistors are tied to 1.8 V.
6 Input filtering on both the SCL and the SDA inputs suppress noise spikes that are less than 50 ns.
7 XSHUTDOWN is active low.


유사한 부품 번호 - AD5821A-WAFER

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821-WAFER AD-AD5821-WAFER Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821BCBZ-REEL1 AD-AD5821BCBZ-REEL1 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

유사한 설명 - AD5821A-WAFER

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16