전자부품 데이터시트 검색엔진 |
|
AD5647RBRMZ 데이터시트(PDF) 6 Page - Analog Devices |
|
AD5647RBRMZ 데이터시트(HTML) 6 Page - Analog Devices |
6 / 32 page AD5627R/AD5647R/AD5667R, AD5627/AD5667 Rev. 0 | Page 6 of 32 I2C TIMING SPECIFICATIONS VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, fSCL = 3.4 MHz, unless otherwise noted.1 Table 4. Parameter Conditions2 Min Max Unit Description fSCL3 Standard mode 100 kHz Serial clock frequency Fast mode 400 kHz High speed mode, CB = 100 pF 3.4 MHz High speed mode, CB = 400 pF 1.7 MHz t1 Standard mode 4 μs tHIGH, SCL high time Fast mode 0.6 μs High speed mode, CB = 100 pF 60 ns High speed mode, CB = 400 pF 120 ns t2 Standard mode 4.7 μs tLOW, SCL low time Fast mode 1.3 μs High speed mode, CB = 100 pF 160 ns High speed mode, CB = 400 pF 320 ns t3 Standard mode 250 ns tSU;DAT, data setup time Fast mode 100 ns High speed mode 10 ns t4 Standard mode 0 3.45 μs tHD;DAT, data hold time Fast mode 0 0.9 μs High speed mode, CB = 100 pF 0 70 ns High speed mode, CB = 400 pF 0 150 ns t5 Standard mode 4.7 μs tSU;STA, setup time for a repeated start condition Fast mode 0.6 μs High speed mode 160 ns t6 Standard mode 4 μs tHD;STA, hold time (repeated) start condition Fast mode 0.6 μs High speed mode 160 ns t7 Standard mode 4.7 μs tBUF, bus free time between a stop and a start condition Fast mode 1.3 μs t8 Standard mode 4 μs tSU;STO, setup time for a stop condition Fast mode 0.6 μs High speed mode 160 ns t9 Standard mode 1000 ns tRDA, rise time of SDA signal Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns t10 Standard mode 300 ns tFDA, fall time of SDA signal Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns t11 Standard mode 1000 ns tRCL, rise time of SCL signal Fast mode 300 ns High speed mode, CB = 100 pF 10 40 ns High speed mode, CB = 400 pF 20 80 ns t11A Standard mode 1000 ns tRCL1, rise time of SCL signal after a repeated start condition and after an acknowledge bit Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns |
유사한 부품 번호 - AD5647RBRMZ |
|
유사한 설명 - AD5647RBRMZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |