전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7357 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7357
상세설명  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7357 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7357_08 Datasheet HTML 3Page - Analog Devices AD7357_08 Datasheet HTML 4Page - Analog Devices AD7357_08 Datasheet HTML 5Page - Analog Devices AD7357_08 Datasheet HTML 6Page - Analog Devices AD7357_08 Datasheet HTML 7Page - Analog Devices AD7357_08 Datasheet HTML 8Page - Analog Devices AD7357_08 Datasheet HTML 9Page - Analog Devices AD7357_08 Datasheet HTML 10Page - Analog Devices AD7357_08 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
AD7357
Rev. PrF | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
VINA–
REFA
REFGND
VINB–
REFB
AGND
VINA+
VINB+
16
15
14
13
12
11
10
9
SCLK
SDATAA
SDATAB
CS
VDD
AGND
DGND
VDRIVE
AD7357
TOP VIEW
(Not to Scale)
Figure 2.
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1, 2
VINA-, VINA+
Analog Inputs of ADC A. These analog inputs form a fully differential pair.
3, 6
REFA, REFB
Reference Decoupling Capacitor Pins. Decoupling capacitors are connected between these pins and the
REFGND pin to decouple the reference buffer for each respective ADC. It is recommended to decouple each
reference pin with a 10 µF capacitor. Provided the output is buffered, the on-chip reference can be taken from
these pins and applied externally to the rest of the system. The nominal internal reference voltage is 2.048 V and
appears at these pins. These pins can also be overdriven by an external reference. The input voltage range for
the external reference is 2.048 V +100 mV to VDD.
4
REFGND
Reference Ground. This is the ground reference point for the reference circuitry on the AD7357. Any external
reference signal should be referred to this REFGND voltage. Decoupling capacitors must be placed between this
pin and the REFA and REFB pins.
5, 11
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7357. All analog input signals
and should be referred to this AGND voltage. The AGND and DGND voltages should ideally be at the same
potential and must not be more than 0.3 V apart, even on a transient basis.
7, 8
VINB-, VINB+
Analog Inputs of ADC B. These analog inputs form a fully differential pair.
9
VDD
Power Supply Input. The VDD range for the AD7357 is 2.5 V ± 10%. The supply should be decoupled to AGND with
a 0.1 µF capacitor and a 10 µF tantalum capacitor.
10
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7357
and framing the serial data transfer.
12
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7357. This pin should connect
to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential and must
not be more than 0.3 V apart, even on a transient basis.
13, 14
SDATAB, SDATAA
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out on
the falling edge of the SCLK input. 16 SCLK falling edges are required to access the 14 bits of data from the
AD7357. The data simultaneously appears on both data output pins from the simultaneous conversions of both
ADCs. The data stream consists of one leading zero followed by the 14 bits of conversion data followed by a
trailing zero. The data is provided MSB first. If CSis held low for 18 SCLK cycles rather than 16, then two further
trailing zeros appear after the 14 bits of data. If CSis held low for a further 18 SCLK cycles on either SDATAA or
SDATAB , the data from the other ADC follows on the SDATA pin. This allows data from a simultaneous
conversion on both ADCs to be gathered in serial format on either SDATAA or SDATAB.
15
SCLK
Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7357. This
clock is also used as the clock source for the conversion process.
16
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
This pin should be decoupled to DGND. The voltage at this pin may be different to that at VDD.


유사한 부품 번호 - AD7357_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
More results

유사한 설명 - AD7357_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com