전자부품 데이터시트 검색엔진 |
|
AD8226CRZ-RL 데이터시트(PDF) 3 Page - Analog Devices |
|
AD8226CRZ-RL 데이터시트(HTML) 3 Page - Analog Devices |
3 / 16 page Preliminary Technical Data AD8226 Rev. PrA | Page 3 of 16 SPECIFICATIONS +VS = +15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted. Table 2. Parameter Conditions A, C Grade B Grade Unit Min Typ Max Min Typ Max COMMON-MODE REJECTION RATIO (CMRR) CMRR DC to 60 Hz VCM = –10 V to +10 V G = 1 76 86 dB G = 10 90 100 dB G = 100 105 105 dB G = 1000 105 105 dB NOISE Total Noise: eN = √eNI2 + (eNO/G2) Voltage Noise, 1 kHz Input Voltage Noise, eNI VIN+, VIN−, VREF = 0 22 22 nV/√Hz Output Voltage Noise, eNO 120 120 nV/√Hz RTI f = 0.1 Hz to 10 Hz G = 1 3 3 µV p-p G = 10 0.8 0.8 µV p-p G = 100 to 1000 0.6 0.6 µV p-p Current Noise f = 1 kHz 100 100 fA/√Hz f = 0.1 Hz to 10 Hz 3 3 pA p-p VOLTAGE OFFSET Total offset voltage : VOS = VOSI + (VOSO/G) Input Offset, VOSI VS = ±5 V to ±15 V 500 200 µV Over Temperature TA = TMIN to TMAX µV Average temperature coefficient TA = TMIN to TMAX Output Offset, VOSO VS = ±5 V to ±15 V 1500 750 µV Over Temperature TA = TMIN to TMAX mV Average temperature coefficient TA = TMIN to TMAX 2 15 2 7 µV/°C Offset RTI vs. Supply (PSR) VS = ±5 V to ±15 V G = 1 80 90 dB G = 10 100 105 dB G = 100 105 105 dB G = 1000 105 105 dB INPUT CURRENT Input Bias Current 10 20 30 10 20 30 nA Over Temperature TA = TMIN to TMAX 5 40 5 40 nA Average temperature coefficient TA = TMIN to TMAX 100 100 pA/°C Input Offset Current 3 2 nA Over Temperature TA = TMIN to TMAX 5 5 nA Average temperature coefficient TA = TMIN to TMAX 5 5 pA/°C REFERENCE INPUT RIN 100 100 kΩ IIN 7 7 µA Voltage Range −VS +VS −VS +VS V Reference Gain to Output 1 1 V/V Reference Gain Error 0.01 0.01 % |
유사한 부품 번호 - AD8226CRZ-RL |
|
유사한 설명 - AD8226CRZ-RL |