전자부품 데이터시트 검색엔진 |
|
MC13212R2 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC13212R2 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 70 page MC13211/212/213 Technical Data, Rev. 1.5 Freescale Semiconductor 3 1.1 Ordering Information Table 1 provides additional details about the MC1321x family. 1.2 General Platform Features • 802.15.4 Standard compliant on-chip transceiver/modem — 2.4GHz — 16 selectable channels — Programmable output power • Multiple power saving modes • 2V to 3.4V operating voltage with on-chip voltage regulators • -40°C to +85°C temperature range • Low external component count • Supports single 16 MHz crystal clock source operation or dual crystal operation • Support for SMAC, 802.15.4 Standard, and ZigBee software • 9mm x 9mm x 1mm 71-pin LGA Table 1. Orderable Parts Details Device Operating Temp Range (TA.) Package Memory Options Description MC13211 -40° to 85° C LGA 1KB RAM, 16KB Flash Intended for proprietary applications and Freescale Simple MAC (SMAC) MC13211R2 -40° to 85° C LGA Tape and Reel 1KB RAM, 16KB Flash Intended for proprietary applications and Freescale Simple MAC (SMAC) MC13212 -40° to 85° C LGA 2KB RAM, 32KB Flash Intended for 802.15.4 Standard compliant applications and Freescale 802.15.4 MAC MC13212R2 -40° to 85° C LGA Tape and Reel 2KB RAM, 32KB Flash Intended for 802.15.4 Standard compliant applications and Freescale 802.15.4 MAC MC13213 -40° to 85° C LGA 4KB RAM, 60KB Flash Intended for 802.15.4 Standard compliant applications and the Freescale 802.15.4 MAC and fully ZigBee compliant Freescale BeeStack. MC13213R2 -40° to 85° C LGA Tape and Reel 4KB RAM, 60KB Flash Intended for 802.15.4 Standard compliant applications and Freescale 802.15.4 MAC and fully ZigBee compliant Freescale BeeStack. |
유사한 부품 번호 - MC13212R2 |
|
유사한 설명 - MC13212R2 |