전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF9010BCPZ-RL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADF9010BCPZ-RL7
상세설명  900 MHz ISM Band Analog RF Front End
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ-RL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADF9010BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 13Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 14Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADF9010
Rev. 0 | Page 11 of 28
9
8
7
6
5
4
3
2
1
0
1
100
10
INPUT FREQUENCY (MHz)
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
Figure 10. Single Sideband Power vs. Baseband Input Frequency, with
Supply and Temperature Variations; Maximum Gain Setting Selected;
LO Frequency = 900 MHz
20
0
–20
–40
–60
–80
–100
10k
10M
100k
1M
FREQUENCY (Hz)
Fc 330KHz
Fc 1MHz
Fc 2MHz
BYPASS
Figure 11. Rx Filter Performance, Power vs. Input Frequency


유사한 부품 번호 - ADF9010BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF9010BCPZ-RL7 AD-ADF9010BCPZ-RL7 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
More results

유사한 설명 - ADF9010BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com