전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6043A4 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6043A4
상세설명  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6043A4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA6043A4 Datasheet HTML 7Page - Texas Instruments TPA6043A4 Datasheet HTML 8Page - Texas Instruments TPA6043A4 Datasheet HTML 9Page - Texas Instruments TPA6043A4 Datasheet HTML 10Page - Texas Instruments TPA6043A4 Datasheet HTML 11Page - Texas Instruments TPA6043A4 Datasheet HTML 12Page - Texas Instruments TPA6043A4 Datasheet HTML 13Page - Texas Instruments TPA6043A4 Datasheet HTML 14Page - Texas Instruments TPA6043A4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1.05
1.15
1.25
1.35
1.45
1.55
1.65
1.75
1.85
1.95
2.05
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4 5.5
V
-SupplyVoltage-V
DD
THD+N=1%
THD+N=10%
Gain=10dB,
R =8
L
W
VDD − SupplyVoltage − V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
4.5 4.6
4.7
4.8 4.9
5.0
5.1 5.2
5.3
5.4 5.5
Gain=3.5dB
RL =16 Ω
THD+N=1%
THD+N=10%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.4
0.8
1.2
1.6
2
2.4
2.8 3.2
3.6
4
P
-OutputPower-W
O
Gain=10dB,
R =8
L
W
V
=5V
DD
V
=4.5V
DD
V
=5.5V
DD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
6
P
-OutputPower-W
O
Gain=10dB,
R =4
L
W
V
=4.5V
DD
V
=5V
DD
V
=5.5V
DD
TPA6045A4C
www.ti.com.............................................................................................................................................................................................. SLOS614 – OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
OUTPUT POWER (SP)
OUTPUT POWER (HP)
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 17.
Figure 18.
SUPPLY CURRENT (SP)
SUPPLY CURRENT (SP)
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 19.
Figure 20.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA6045A4C


유사한 부품 번호 - TPA6043A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHB TI-TPA6043A4RHB Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHBR TI-TPA6043A4RHBR Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHBRG4 TI-TPA6043A4RHBRG4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results

유사한 설명 - TPA6043A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com