전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G0AMH45P32 데이터시트(PDF) 1 Page - Baumer IVO GmbH & Co. KG

부품명 G0AMH45P32
상세설명  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0AMH45P32 데이터시트(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  G0AMH45P32 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
1
www.baumerivo.com
www.baumerivo.com
G0MMH with modular bus cover
Features
Encoder single- or multiturn / bus cover
Optical sensing
Resolution: singleturn 13 bit, multiturn 16 bit
Hollow shaft max. ø14 mm
Compact design
CANopen / DeviceNet / Profibus
High reliability by self-diagnostics
Encoder for optional parameterization
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤100 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interfaces
Profibus-DPV0, CANopen,
DeviceNet
User address
Rotary switch in bus cover
Steps per turn
8192 / 13 bit
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Binary
Code sequence
CW/CCW programmable
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Steps per revolution
Number of revolutions
Preset
Scaling
Rotational direction
Diagnostic functions
Position or parameter error
Multiturn sensing
Status indicator
DUO-LED integrated in bus
cover
Approval
UL approval / E63076
G0AMH
Function
Singleturn
G0MMH
Function
Multiturn
Number of turns
65536 / 16 bit
G0AMH, G0MMH - multivo
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø12 mm hollow shaft
ø14 mm hollow shaft
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Rotor moment of inertia
20 gcm²
Materials
Housing: aluminium
Flange: aluminium
Bus cover: aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
600 g
E-connection
Bus cover
Optical sensing, hollow shaft up to ø14 mm
Single and multiturn encoder 13 bit ST / 16 bit MT
CANopen / DeviceNet / Profibus


유사한 부품 번호 - G0AMH45P32

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
G0A100HA0023 PANASONIC-G0A100HA0023 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A100ZA0041 PANASONIC-G0A100ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A150ZA0041 PANASONIC-G0A150ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220GA0026 PANASONIC-G0A220GA0026 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220ZA0041 PANASONIC-G0A220ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

유사한 설명 - G0AMH45P32

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com