전자부품 데이터시트 검색엔진 |
|
74LVT16244BDGG 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
74LVT16244BDGG 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 17 page 74LVT_LVTH16244B_6 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 06 — 13 November 2008 7 of 17 NXP Semiconductors 74LVT16244B; 74LVTH16244B 3.3 V 16-bit buffer/driver; 3-state 9. Static characteristics Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = −40 °C to +85 °C[1] VIK input clamping voltage VCC = 2.7 V; IIK = −18 mA −1.2 −0.85 - V VOH HIGH-level output voltage IOH = −100 µA; VCC = 2.7 V to 3.6 V VCC − 0.2 VCC -V IOH = −8 mA; VCC = 2.7 V 2.4 2.5 - V IOH = −32 mA; VCC = 3.0 V 2.0 2.3 - V VOL LOW-level output voltage VCC = 2.7 V IOL = 100 µA - 0.07 0.2 V IOL = 24 mA - 0.3 0.5 V VCC = 3.0 V IOL = 16 mA - 0.25 0.4 V IOL = 32 mA - 0.3 0.5 V IOL = 64 mA - 0.4 0.55 V II input leakage current all input pins; VCC = 0 V or 3.6 V; VI = 5.5 V - 0.4 10 µA control pins; VCC = 3.6 V; VI =VCC or GND - 0.1 ±1.0 µA data pins; VCC = 3.6 V [2] VI =VCC - 0.1 1 µA VI =0V - −0.4 −5 µA IOFF power-off leakage current VCC = 0 V; VI or VO = 0 V to 4.5 V - 0.1 ±100 µA IBHL bus hold LOW current VCC = 3 V; VI = 0.8 V [3] 75 135 - µA IBHH bus hold HIGH current VCC = 3 V; VI = 2.0 V −−135 −75 µA IBHLO bus hold LOW overdrive current nAn input; VCC = 0 V to 3.6 V; VI = 3.6 V 500 - - µA IBHHO bus hold HIGH overdrive current nAn input; VCC = 0 V to 3.6 V; VI = 3.6 V - - −500 µA IHOLD bus hold current data input VCC = 3 V [3] VI = 0.8 V 75 135 - µA VI = 2.0 V - −135 −75 µA VCC = 0 V to 3.6 V VI = 3.6 V ±500 - - µA ILO output leakage current output in HIGH-state when VO >VCC; VO = 5.5 V; VCC = 3.0 V - 50 125 µA IO(pu/pd) power-up/power-down output current VCC ≤ 1.2 V; VO = 0.5 V to VCC;VI = GND or VCC; nOE = don’t care [4] -1 ±100 µA IOZ OFF-state output current VCC = 3.6 V; VI = VIH or VIL output HIGH: VO = 3.0 V - 0.5 5 µA output LOW: VO = 0.5 V - +0.5 −5 µA |
유사한 부품 번호 - 74LVT16244BDGG |
|
유사한 설명 - 74LVT16244BDGG |