전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1505C 데이터시트(PDF) 53 Page - NXP Semiconductors

부품명 ISP1505C
상세설명  ULPI Hi-Speed USB host and peripheral transceiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505C 데이터시트(HTML) 53 Page - NXP Semiconductors

Back Button ISP1505C Datasheet HTML 49Page - NXP Semiconductors ISP1505C Datasheet HTML 50Page - NXP Semiconductors ISP1505C Datasheet HTML 51Page - NXP Semiconductors ISP1505C Datasheet HTML 52Page - NXP Semiconductors ISP1505C Datasheet HTML 53Page - NXP Semiconductors ISP1505C Datasheet HTML 54Page - NXP Semiconductors ISP1505C Datasheet HTML 55Page - NXP Semiconductors ISP1505C Datasheet HTML 56Page - NXP Semiconductors ISP1505C Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
52 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
11. ElectroStatic Discharge (ESD)
11.1 ESD protection
The pins that are connected to the USB connector (DP, DM, VBUS and GND) have a
minimum of
±4 kV ESD protection. Capacitors 0.1 µF and 1 µF must be connected in
parallel from VBUS to GND to achieve this ±4 kV ESD protection (see Figure 20).
Remark: Capacitors 0.1
µF and 1 µF are also required by Universal Serial Bus
Specification Rev. 2.0. For details on the requirements for CVBUS, see Section 16.
11.2 ESD test conditions
A detailed report on test setup and results is available on request.
Fig 20. Human body ESD test model
RD
1500
RC
1 M
HIGH VOLTAGE
DC SOURCE
0.1
µF1 µF
VBUS
DEVICE UNDER
TEST
CS
100 pF
storage
capacitor
charge current
limit resistor
discharge
resistance
GND
A
B
004aaa881


유사한 부품 번호 - ISP1505C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ISP1504 ETC2-ISP1504 Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
NXP Semiconductors
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1ET NXP-ISP1504A1ET Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504ABS PHILIPS-ISP1504ABS Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
More results

유사한 설명 - ISP1505C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com