전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1512A 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 ISP1512A
상세설명  ULPI Hi-Speed USB transceiver
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1512A 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button ISP1512A Datasheet HTML 16Page - NXP Semiconductors ISP1512A Datasheet HTML 17Page - NXP Semiconductors ISP1512A Datasheet HTML 18Page - NXP Semiconductors ISP1512A Datasheet HTML 19Page - NXP Semiconductors ISP1512A Datasheet HTML 20Page - NXP Semiconductors ISP1512A Datasheet HTML 21Page - NXP Semiconductors ISP1512A Datasheet HTML 22Page - NXP Semiconductors ISP1512A Datasheet HTML 23Page - NXP Semiconductors ISP1512A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
ISP1512A_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 31 July 2008
19 of 55
NXP Semiconductors
ISP1512A
ULPI HS USB transceiver
Fig 5.
Interface behavior when entering UART mode and the clock is powered down
Fig 6.
Interface behavior when entering UART mode and the clock remains powered
004aab160
CLOCK
DATA[7:0]
TXCMD
(REGW)
DATA
0001 0001
DIR
STP
NXT
UART
mode
turnaround
UART mode signals
CLOCK
004aaa866
CLOCK
DATA[7:0]
TXCMD
(REGW)
DATA
turnaround
UART mode signals
DIR
STP
NXT
UART
MODE


유사한 부품 번호 - ISP1512A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ISP1514 ETC2-ISP1514 Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
More results

유사한 설명 - ISP1512A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
USB3320 MICROCHIP-USB3320 Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
logo
SMSC Corporation
USB3319 SMSC-USB3319 Datasheet
328Kb / 12P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com