전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1583 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 ISP1583
상세설명  Hi-Speed USB peripheral controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1583 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 17Page - NXP Semiconductors ISP1583 Datasheet HTML 18Page - NXP Semiconductors ISP1583 Datasheet HTML 19Page - NXP Semiconductors ISP1583 Datasheet HTML 20Page - NXP Semiconductors ISP1583 Datasheet HTML 21Page - NXP Semiconductors ISP1583 Datasheet HTML 22Page - NXP Semiconductors ISP1583 Datasheet HTML 23Page - NXP Semiconductors ISP1583 Datasheet HTML 24Page - NXP Semiconductors ISP1583 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
ISP1583_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 22 September 2008
20 of 99
NXP Semiconductors
ISP1583
Hi-Speed USB peripheral controller
8.13.2 Interrupt control
Bit GLINTENA in the Mode register is a global interrupt enable or disable bit. The behavior
of this bit is given in Figure 6.
The following illustrations are only applicable for level trigger.
Event A: When an interrupt event occurs (for example, SOF interrupt) with bit GLINTENA
set to logic 0, an interrupt will not be generated at pin INT. It will, however, be registered in
the corresponding Interrupt register bit.
Event B: When bit GLINTENA is set to logic 1, pin INT is asserted because bit SOF in the
Interrupt register is already set.
Event C: If the firmware sets bit GLINTENA to logic 0, pin INT will still be asserted. The
bold line shows the desired behavior of pin INT.
Deassertion of pin INT can be achieved either by clearing all the bits in the Interrupt
register or the DMA Interrupt Reason register, depending on the event.
Remark: When clearing an interrupt event, perform write to all the bytes of the register.
For more information on interrupt control, see Section 9.2.2, Section 9.2.5 and
Section 9.5.1.
8.14 VBUS sensing
The VBUS pin is one of the ways to wake up the clock when the ISP1583 is suspended
with bit CLKAON set to logic 0 (clock off option).
To detect whether the host is connected or not, that is VBUS sensing, a 1 MΩ resistor and
a 1
µF electrolytic or tantalum capacitor must be added to damp the overshoot on plug in.
Pin INT: HIGH = deassert; LOW = assert (individual interrupts are enabled).
Fig 6.
Behavior of bit GLINTENA
INT pin
004aaa394
GLINTENA = 0
SOF asserted
GLINTENA = 1
SOF asserted
GLINTENA = 0
(during this time,
an interrupt event
occurs, for example,
SOF asserted)
A
B
C


유사한 부품 번호 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

유사한 설명 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com