전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1583 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 ISP1583
상세설명  Hi-Speed USB peripheral controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1583 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 23Page - NXP Semiconductors ISP1583 Datasheet HTML 24Page - NXP Semiconductors ISP1583 Datasheet HTML 25Page - NXP Semiconductors ISP1583 Datasheet HTML 26Page - NXP Semiconductors ISP1583 Datasheet HTML 27Page - NXP Semiconductors ISP1583 Datasheet HTML 28Page - NXP Semiconductors ISP1583 Datasheet HTML 29Page - NXP Semiconductors ISP1583 Datasheet HTML 30Page - NXP Semiconductors ISP1583 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
ISP1583_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 22 September 2008
26 of 99
NXP Semiconductors
ISP1583
Hi-Speed USB peripheral controller
8.16.2 Self-powered mode
In self-powered mode, VCC(3V3) and VCC(I/O) are supplied by the system. See Figure 15.
[1]
When the USB cable is removed, SoftConnect is disabled.
VCC(I/O) and VCC(3V3) are system powered.
Fig 15. Self-powered mode
Table 13.
Operation truth table for SoftConnect
ISP1583 operation
Power supply
Bit SOFTCT
in Mode
register
VCC(3V3)
VCC(I/O)
RPU
(3.3 V)
VBUS
Normal bus operation
3.3 V
3.3 V
3.3 V
5 V
enabled
No pull up on DP
3.3 V
3.3 V
3.3 V
0 V[1]
disabled
Table 14.
Operation truth table for clock off during suspend
ISP1583 operation
Power supply
Clock off
during
suspend
VCC(3V3)
VCC(I/O)
RPU
(3.3 V)
VBUS
Clock will wake up:
After a resume and
After a bus reset
3.3 V
3.3 V
3.3 V
5 V
enabled
Clock will wake up:
After detecting the presence of VBUS
3.3 V
3.3 V
3.3 V
0 V
→ 5 V
enabled
Table 15.
Operation truth table for back voltage compliance
ISP1583 operation
Power supply
Bit SOFTCT in
Mode register
VCC(3V3)
VCC(I/O)
RPU
(3.3 V)
VBUS
Back voltage is not measured in this
mode
3.3 V
3.3 V
3.3 V
5 V
enabled
Back voltage is not an issue because pull
up on DP will not be present when VBUS
is not present
3.3 V
3.3 V
3.3 V
0 V
disabled
004aaa461
ISP1583
USB
1 M
VCC(3V3)
VCC(I/O)
VBUS
RPU
VBUS
1.5 k
1 µF


유사한 부품 번호 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

유사한 설명 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com