전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1583 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 ISP1583
상세설명  Hi-Speed USB peripheral controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1583 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 33Page - NXP Semiconductors ISP1583 Datasheet HTML 34Page - NXP Semiconductors ISP1583 Datasheet HTML 35Page - NXP Semiconductors ISP1583 Datasheet HTML 36Page - NXP Semiconductors ISP1583 Datasheet HTML 37Page - NXP Semiconductors ISP1583 Datasheet HTML 38Page - NXP Semiconductors ISP1583 Datasheet HTML 39Page - NXP Semiconductors ISP1583 Datasheet HTML 40Page - NXP Semiconductors ISP1583 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
ISP1583_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 22 September 2008
36 of 99
NXP Semiconductors
ISP1583
Hi-Speed USB peripheral controller
9.2.4.1
Session Request Protocol (SRP)
The ISP1583 can initiate an SRP. The B-device initiates SRP by data-line pulsing,
followed by VBUS pulsing. The A-device can detect either data-line pulsing or VBUS
pulsing.
The ISP1583 can initiate the B-device SRP by performing the following steps:
1. Set the OTG bit to start SRP.
2. Detect initial conditions by following the instructions given in bit INITCOND of the OTG
register.
3. Start data-line pulsing: set bit DP of the OTG register to logic 1.
4. Wait for 5 ms to 10 ms.
5. Stop data-line pulsing: set bit DP of the OTG register to logic 0.
6. Start VBUS pulsing: set bit VP of the OTG register to logic 1.
7. Wait for 10 ms to 20 ms.
8. Stop VBUS pulsing: set bit VP of the OTG register to logic 0.
9. Discharge VBUS for about 30 ms: optional by using bit DISCV of the OTG register.
10. Detect bit BSESSVALID of the OTG register for a successful SRP with bit OTG
cleared.
11. Once bit BSESSVALID is detected, turn on the SOFTCT bit to start normal bus
enumeration.
The B-device must complete both data-line pulsing and VBUS pulsing within 100 ms.
Remark: When disabling OTG, data-line pulsing bit DP and VBUS pulsing bit VP must be
cleared by writing logic 0.
9.2.5 Interrupt Enable register (address: 14h)
This register enables or disables individual interrupt sources. The interrupt for each
endpoint can individually be controlled using the associated bits IEPnRX or IEPnTX, here
n represents the endpoint number. All interrupts can be globally disabled using bit
GLINTENA in the Mode register (see Table 24).
An interrupt is generated when the USB SIE receives or generates an ACK or NAK on the
USB bus. The interrupt generation depends on Debug mode settings of bit fields
CDBGMOD[1:0], DDBGMODIN[1:0] and DDBGMODOUT[1:0] in the Interrupt
Configuration register.
All data IN transactions use the Transmit buffers (TX), which are handled by bits
DDBGMODIN[1:0]. All data OUT transactions go through the Receive buffers (RX), which
are handled by bits DDBGMODOUT[1:0]. Transactions on control endpoint 0 (IN, OUT
and SETUP) are handled by bits CDBGMOD[1:0].
Interrupts caused by events on the USB bus (SOF, suspend, resume, bus reset, set up
and high-speed status) can also be individually controlled. A bus reset disables all
enabled interrupts, except bit IEBRST (bus reset), which remains logic 1.
The Interrupt Enable register consists of 4 bytes. The bit allocation is given in Table 32.


유사한 부품 번호 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

유사한 설명 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com