전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1583 데이터시트(PDF) 47 Page - NXP Semiconductors

부품명 ISP1583
상세설명  Hi-Speed USB peripheral controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1583 데이터시트(HTML) 47 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 43Page - NXP Semiconductors ISP1583 Datasheet HTML 44Page - NXP Semiconductors ISP1583 Datasheet HTML 45Page - NXP Semiconductors ISP1583 Datasheet HTML 46Page - NXP Semiconductors ISP1583 Datasheet HTML 47Page - NXP Semiconductors ISP1583 Datasheet HTML 48Page - NXP Semiconductors ISP1583 Datasheet HTML 49Page - NXP Semiconductors ISP1583 Datasheet HTML 50Page - NXP Semiconductors ISP1583 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
ISP1583_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 22 September 2008
46 of 99
NXP Semiconductors
ISP1583
Hi-Speed USB peripheral controller
In EOT-only mode, DIS_XFER_CNT must be set to logic 1. Although the DMA transfer
counter can still be programmed, it will not have any effect on the DMA transfer. The DMA
transfer will start once the DMA command is issued. Any of the following three ways will
terminate this DMA transfer:
Detecting an external EOT
Detecting an internal EOT (short packet on an OUT token)
Issuing a GDMA stop command
There are three interrupts programmable to differentiate the method of DMA termination:
bits INT_EOT, EXT_EOT and DMA_XFER_OK in the DMA Interrupt Reason register (see
Table 74).
MDMA (master) read/write (opcode = 06h/07h) — Generic DMA master mode.
Depending on the MODE[1:0] bits set in the DMA Configuration register, the DACK, DIOR
or DIOW signal strobes data. These signals are driven by the ISP1583.
In master mode, BURSTCOUNTER[12:0] in the DMA Burst Counter register,
DIS_XFER_CNT in the DMA Configuration register and the external EOT signal are not
applicable. The DMA transfer counter is always enabled and bit DMA_XFER_OK is set to
1 once the counter reaches 0.
MDMA read/write (opcode = 06h/07h) — Multi-word DMA mode for IDE transfers. The
specification of this mode can be obtained from Ref. 4 “AT Attachment with Packet
Interface Extension (ATA/ATAPI-4), ANSI INCITS 317-1998 (R2003)”. DIOR and DIOW
are used as data strobes, while DREQ and DACK serve as handshake signals.
Table 49.
Control bits for Generic DMA transfers
Control bits
Description
Reference
GDMA read/write
(opcode = 00h/01h)
MDMA (master) read/write
(opcode = 06h/07h)
DMA Configuration register
ATA_MODE
set to logic 0 (non-ATA
transfer)
set to logic 1 (ATA transfer)
Table 56
DMA_MODE[1:0]
-
determines MDMA timing for
DIOR and DIOW strobes
DIS_XFER_CNT
disables use of DMA transfer
counter
disables use of DMA transfer
counter
MODE[1:0]
determines active read/write
data strobe signals
determines active data
strobe(s)
WIDTH
selects DMA bus width: 8 or
16 bits
selects DMA bus width: 8 or
16 bits


유사한 부품 번호 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

유사한 설명 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com