전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1583 데이터시트(PDF) 80 Page - NXP Semiconductors

부품명 ISP1583
상세설명  Hi-Speed USB peripheral controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1583 데이터시트(HTML) 80 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 76Page - NXP Semiconductors ISP1583 Datasheet HTML 77Page - NXP Semiconductors ISP1583 Datasheet HTML 78Page - NXP Semiconductors ISP1583 Datasheet HTML 79Page - NXP Semiconductors ISP1583 Datasheet HTML 80Page - NXP Semiconductors ISP1583 Datasheet HTML 81Page - NXP Semiconductors ISP1583 Datasheet HTML 82Page - NXP Semiconductors ISP1583 Datasheet HTML 83Page - NXP Semiconductors ISP1583 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
ISP1583_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 22 September 2008
79 of 99
NXP Semiconductors
ISP1583
Hi-Speed USB peripheral controller
13.2 DMA timing
13.2.1 PIO mode
Remark: In the following subsections, RW_N/RD_N, DS_N/WR_N, READY/IORDY and
ALE/A0 refer to the ISP1583 pin.
[1]
Tcy1 is the total cycle time, consisting of command active time tw1 and command recovery (inactive) time tw2, that is, Tcy1 = tw1 + tw2.
Minimum timing requirements for Tcy1, tw1 and tw2 must all be met. As Tcy1(min) is greater than the sum of tw1(min) and tw2(min), a host
implementation must lengthen tw1 and/or tw2 to ensure that Tcy1 is equal to or greater than the value reported in the IDENTIFY DEVICE
data. A device implementation shall support any legal host implementation.
[2]
td2 specifies the time after DIOR is negated, when the data bus is no longer driven by the device (3-state).
[3]
If READY/IORDY is LOW at tsu4, the host waits until READY/IORDY is made HIGH before the PIO cycle is completed. In that case, tsu5
must be met for reading (tsu3 does not apply). When READY/IORDY is HIGH at tsu4, tsu3 must be met for reading (tsu5 does not apply).
Table 108. PIO mode timing parameters
VCC(I/O) = 1.65 V to 3.6 V; VCC(3V3) = 3.3 V; VGND = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Mode 0 Mode 1 Mode 2 Mode 3 Mode 4 Unit
Tcy1(min) read or write cycle time
[1] 600
383
240
180
120
ns
tsu1(min)
address to DIOR or DIOW on set-up
time
70
50
30
30
25
ns
tw1(min)
DIOR or DIOW pulse width
[1] 165
125
100
80
70
ns
tw2(min)
DIOR/DIOW recovery time
[1] ---70
25
ns
tsu2(min)
data set-up time before DIOW off
60
45
30
30
20
ns
th2(min)
data hold time after DIOW off
30
20
15
10
10
ns
tsu3(min)
data set-up time before DIOR on
50
35
20
20
20
ns
th3(min)
data hold time after DIOR off
5
5
5
5
5
ns
td2(max)
data to 3-state delay after DIOR off
[2] 30
30
30
30
30
ns
th1(min)
address hold time after DIOR or DIOW
off
20
15
10
10
10
ns
tsu4(min)
READY/IORDY after DIOR or DIOW on
set-up time
[3] 35
35
35
35
35
ns
tsu5(min)
read data to READY/IORDY HIGH
set-up time
[3] 00000ns
tw3(max)
READY/IORDY LOW pulse width
1250
1250
1250
1250
1250
ns


유사한 부품 번호 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

유사한 설명 - ISP1583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com