전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS2100-OTP 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS2100-OTP
상세설명  Fractional-N Clock Multiplier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2100-OTP 데이터시트(HTML) 1 Page - Cirrus Logic

  CS2100-OTP Datasheet HTML 1Page - Cirrus Logic CS2100-OTP Datasheet HTML 2Page - Cirrus Logic CS2100-OTP Datasheet HTML 3Page - Cirrus Logic CS2100-OTP Datasheet HTML 4Page - Cirrus Logic CS2100-OTP Datasheet HTML 5Page - Cirrus Logic CS2100-OTP Datasheet HTML 6Page - Cirrus Logic CS2100-OTP Datasheet HTML 7Page - Cirrus Logic CS2100-OTP Datasheet HTML 8Page - Cirrus Logic CS2100-OTP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Fractional-N Clock Multiplier
Features
Clock Multiplier / Jitter Reduction
– Generates a Low Jitter 6 - 75 MHz Clock
from a Jittery or Intermittent 50 Hz to
30 MHz Clock Source
Highly Accurate PLL Multiplication Factor
– Maximum Error Less Than 1 PPM in High-
Resolution Mode
One-Time Programmability
– Configurable Hardware Control Pins
– Configurable Auxiliary Output
Flexible Sourcing of Reference Clock
– External Oscillator or Clock Source
– Supports Inexpensive Local Crystal
Minimal Board Space Required
– No External Analog Loop-filter
Components
General Description
The CS2100-OTP is an extremely versatile system
clocking device that utilizes a programmable phase lock
loop. The CS2100-OTP is based on a hybrid analog-
digital PLL architecture comprised of a unique combina-
tion
of
a
Delta-Sigma
Fractional-N
Frequency
Synthesizer and a Digital PLL. This architecture allows
for generation of a low-jitter clock relative to an external
noisy synchronization clock with frequencies as low as
50 Hz. The CS2100-OTP has many configuration op-
tions which are set once prior to runtime. At runtime
there are three hardware configuration pins available for
mode and feature selection.
The CS2100-OTP is available in a 10-pin MSOP pack-
age in Commercial (-10°C to +70°C) grade. Customer
development kits are also available for custom device
prototyping, small production programming, and device
evaluation. Please see “Ordering Information” on
page 28 for complete details.
Hardware Configuration
Auxiliary
Output
6 to 75 MHz
PLL Output
Frequency Reference
3.3 V
Hardware
Control
8 MHz to 75 MHz
Low-Jitter Timing
Reference
Fractional-N
Frequency Synthesizer
Digital PLL &
Fractional N Logic
Output to Input
Clock Ratio
N
Timing Reference
PLL Output
Lock Indicator
50 Hz to 30 MHz
Frequency
Reference
JUN '08
DS841PP1
CS2100-OTP


유사한 부품 번호 - CS2100-OTP

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
More results

유사한 설명 - CS2100-OTP

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com