전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3002-ISZ 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS3002-ISZ
상세설명  Precision Low-voltage Amplifier; DC to 2 kHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002-ISZ 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS3002-ISZ Datasheet HTML 6Page - Cirrus Logic CS3002-ISZ Datasheet HTML 7Page - Cirrus Logic CS3002-ISZ Datasheet HTML 8Page - Cirrus Logic CS3002-ISZ Datasheet HTML 9Page - Cirrus Logic CS3002-ISZ Datasheet HTML 10Page - Cirrus Logic CS3002-ISZ Datasheet HTML 11Page - Cirrus Logic CS3002-ISZ Datasheet HTML 12Page - Cirrus Logic CS3002-ISZ Datasheet HTML 13Page - Cirrus Logic CS3002-ISZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS3001
CS3002
10
DS490F8
The feedback capacitor C2 is required for closed-
loop gains greater than 50 V/V. The capacitor in-
troduces a pole and a zero in the loop gain transfer
function,
This indicates that the separation of the pole and
the zero is governed by the closed loop gain. It is
required that the zero falls on the steep slope
(–100 dB/decade) of the loop gain plot so that there
is some gain higher than 0 dB (typically 20 dB) at
the hand-over frequency (the frequency at which
the slope changes from – 100 dB/decade to
–20 dB/decade).
50 pF
50 pF
R1
R2
Vin
Vo
C2
Cin
Cin
Choose C2 so that R2
• C2 ≥
?
R1
• Cin
Figure 17. Non-inverting Gain Configuration with Compensation
T
1
s
z
1
-----
+
⎝⎠
⎛⎞
1
s
p
1
-----
+
⎝⎠
⎛⎞
-----------------------A
ol
=
P
1
1
2
π R
1
R
2
||
()C
2
-------------------------------------
1
2
π R
1C2
()
-------------------------
=for
R
2
R
1
»
Z
1
1
2
π AR
1
×
()C
2
-----------------------------------
=where
A
R
2
R
1
------
=
Z
1
1
2
π R
2
()C
2
-------------------------
=


유사한 부품 번호 - CS3002-ISZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

유사한 설명 - CS3002-ISZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001 Datasheet
287Kb / 16P
   PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com