전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4334-KSZ 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS4334-KSZ
상세설명  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334-KSZ 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS4334-KSZ Datasheet HTML 4Page - Cirrus Logic CS4334-KSZ Datasheet HTML 5Page - Cirrus Logic CS4334-KSZ Datasheet HTML 6Page - Cirrus Logic CS4334-KSZ Datasheet HTML 7Page - Cirrus Logic CS4334-KSZ Datasheet HTML 8Page - Cirrus Logic CS4334-KSZ Datasheet HTML 9Page - Cirrus Logic CS4334-KSZ Datasheet HTML 10Page - Cirrus Logic CS4334-KSZ Datasheet HTML 11Page - Cirrus Logic CS4334-KSZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS248F5
CS4334/5/8/9
Confidential Draft
3/11/08
POWER AND THERMAL CHARACTERISTICS
Notes:
7.
Refer to Figure 4. Max Power Dissipation is measured at VA=5.5V.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
power-down state
IA
IA
-
-
15
40
19
-
mA
µA
Power Dissipation
(Note 7)
normal operation
power-down
-
-
75
0.2
104
-
mW
mW
Package Thermal Resistance
θJA
-110
-
°C/Watt
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
79
-
dB
AOUTx
AGND
10 µF
V
out
R
L
C
L
Figure 2. Output Test Load


유사한 부품 번호 - CS4334-KSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4334-KSZ CIRRUS-CS4334-KSZ Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

유사한 설명 - CS4334-KSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com