전자부품 데이터시트 검색엔진 |
|
CS4339-KSZ 데이터시트(PDF) 3 Page - Cirrus Logic |
|
CS4339-KSZ 데이터시트(HTML) 3 Page - Cirrus Logic |
3 / 24 page DS248F5 3 Confidential Draft 3/11/08 CS4334/5/8/9 Figure 18. Passband Ripple...................................................................................................................... 18 Figure 19. Stopband Rejection.................................................................................................................. 19 Figure 20. Transition Band........................................................................................................................ 19 Figure 21. Transition Band........................................................................................................................ 19 Figure 22. Passband Ripple...................................................................................................................... 19 Figure 23. 0 dBFS FFT (BRM) .................................................................................................................. 20 Figure 24. -60 dBFS FFT (BRM).............................................................................................................. 20 Figure 25. Idle Channel Noise FFT (BRM)................................................................................................ 20 Figure 26. Twin Tone IMD FFT (BRM)...................................................................................................... 20 Figure 27. THD+N vs. Amplitude (BRM) ................................................................................................... 20 Figure 28. THD+N vs. Frequency (BRM) .................................................................................................. 20 Figure 29. 0 dBFS FFT (HRM).................................................................................................................. 21 Figure 30. -60 dBFS FFT (HRM).............................................................................................................. 21 Figure 31. Idle Channel Noise FFT (HRM) ............................................................................................... 21 Figure 32. Twin Tone IMD FFT (HRM) ..................................................................................................... 21 Figure 33. THD+N vs. Amplitude (HRM)................................................................................................... 21 Figure 34. THD+N vs. Frequency (HRM)................................................................................................. 21 LIST OF TABLES Table 1. Common Clock Frequencies ...................................................................................................... 13 PIN DESCRIPTIONS No. Pin Name I/O Pin Function and Description 1SDATA I Serial Audio Data Input - Two’s complement MSB-first serial data is input on this pin. The data is clocked into the CS4334/5/8/9 via internal or external SCLK, and the channel is determined by LRCK. 2DEM/SCLK I De-Emphasis/External Serial Clock Input - Used for de-emphasis filter control or external serial clock input. 3 LRCK I Left/Right Clock - Determines which channel is currently being input on the Audio Serial Data Input pin, SDATA. 4MCLK I Master Clock - Frequency must be 256x, 384x, or 512x the input sample rate in BRM and either 128x or 192x the input sample rate in HRM. 5AOUTR O Analog Right Channel Output - Typically 3.5 Vp-p for a full-scale input signal. 6AGND I Analog Ground - Analog ground reference is 0V. 7VA I Analog Power - Analog power supply is nominally +5 V. 8AOUTL O Analog Left Channel Output - Typically 3.5 Vp-p for a full-scale input signal. SERIAL DATA INPUT SDATA AOUTL ANALOG LEFT CHANNEL OUTPUT DE-EMPHASIS / SCLK DEM/SCLK VA ANALOG POWER LEFT / RIGHT CLOCK LRCK AGND ANALOG GROUND MASTER CLOCK MCLK AOUTR ANALOG RIGHT CHANNEL OUTPUT 7 2 6 3 5 4 8 1 |
유사한 부품 번호 - CS4339-KSZ |
|
유사한 설명 - CS4339-KSZ |