전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4362 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS4362
상세설명  114 dB, 192 kHz 6-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4362 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS4362_08 Datasheet HTML 4Page - Cirrus Logic CS4362_08 Datasheet HTML 5Page - Cirrus Logic CS4362_08 Datasheet HTML 6Page - Cirrus Logic CS4362_08 Datasheet HTML 7Page - Cirrus Logic CS4362_08 Datasheet HTML 8Page - Cirrus Logic CS4362_08 Datasheet HTML 9Page - Cirrus Logic CS4362_08 Datasheet HTML 10Page - Cirrus Logic CS4362_08 Datasheet HTML 11Page - Cirrus Logic CS4362_08 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
DS257F2
CS4362
DIGITAL CHARACTERISTICS
(For KQZ TA = -10°C to +70°C; VLC = VLS = 1.8V to 5.5V)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V; all voltages with respect to ground.)
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Data Port
Control Port
VIH
VIH
70% VLS
70% VLC
-
-
-
-
V
V
Low-Level Input Voltage
Serial Data Port
Control Port
VIL
VIL
-
-
-
-
20% VLS
20% VLC
V
V
Input Leakage Current
(Note 7)
Iin
--
±10
μA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA
MUTEC High-Level Output Voltage
VOH
-VA
-
V
MUTEC Low-Level Output Voltage
VOL
-0
-
V
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog power
Digital internal power
Serial data port interface power
Control port interface power
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
6.0
6.0
6.0
6.0
V
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
Serial data port interface
Control port interface
VIND-S
VIND-C
-0.3
-0.3
VLS+ 0.4
VLC+ 0.4
V
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
Digital internal power
Serial data port interface power
Control port interface power
VA
VD
VLS
VLC
4.5
3.0
1.8
1.8
5.0
3.3
5.0
5.0
5.5
5.5
5.5
5.5
V
V
V
V


유사한 부품 번호 - CS4362_08

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
More results

유사한 설명 - CS4362_08

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com