전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4362A-DQZR 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS4362A-DQZR
상세설명  114 dB, 192 kHz 6-Channel D/A Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4362A-DQZR 데이터시트(HTML) 1 Page - Cirrus Logic

  CS4362A-DQZR Datasheet HTML 1Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 2Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 3Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 4Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 5Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 6Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 7Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 8Page - Cirrus Logic CS4362A-DQZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
114 dB, 192 kHz
6-Channel D/A Converter
Features
Advanced Multi-bit Delta Sigma Architecture
24-bit Conversion
Up to 192 kHz Sample Rates
114 dB Dynamic Range
-100 dB THD+N
Direct Stream Digital® (DSD) Mode
On-chip 50 kHz Filter
Matched PCM and DSD Analog Output Levels
Selectable Digital Filters
Volume Control with 1 dB Step Size and Soft
Ramp
Low Clock-jitter Sensitivity
+5 V Analog Supply, +2.5 V Digital Supply
Separate 1.8 to 5 V Logic Supplies for the
Control & Serial Ports
Description
The CS4362A is a complete 6-channel digital-to-analog
system. This D/A system includes digital de-emphasis,
1 dB step size volume control, ATAPI channel mixing,
selectable fast and slow digital interpolation filters fol-
lowed
by
an
oversampled,
multi-bit
delta-sigma
modulator which includes mismatch shaping technolo-
gy that eliminates distortion due to capacitor mismatch.
Following this stage is a multi-element switched capac-
itor stage and low-pass filter with differential analog
outputs.
The CS4362A also has a proprietary DSD processor
which allows for 50 kHz on-chip filtering without an in-
termediate decimation stage. The CS4362A is available
in a 48-pin LQFP package in both Commercial (-40°C to
+85°C) and Automotive grades (-40°C to +105°C). The
CDB4362A Customer Demonstration board is also
available for device evaluation and implementation sug-
gestions. Please see “Ordering Information” on page 48
for complete details.
The CS4362A accepts PCM data at sample rates from
4 kHz to 216 kHz, DSD audio data, and delivers excel-
lent sound quality. These features are ideal for multi-
channel audio systems including SACD players, A/V re-
ceivers,
digital
TV’s,
mixing
consoles,
effects
processors,
sound
cards,
and
automotive
audio
systems.
Control Port Supply = 1.8 V to 5 V
Register/Hardware
Configuration
Internal Voltage
Reference
Reset
Digital Supply = 2.5 V
Hardware Mode or
I
2C/SPI Software Mode
Control Data
Analog Supply = 5 V
Six Channels of
Differential
Outputs
PCM Serial
Audio Input
Volume
Controls
Digital
Filters
Switch-Cap
DAC and
Analog Filters
Multi-bit
∆Σ
Modulators
DSD Audio
Input
DSD Processor
-50 kHz filter
External Mute
Control
Mute Signals
Serial Audio Port
Supply = 1.8 V to 5 V
6
6
6
6
CS4362A
MAY '08
DS617F1


유사한 부품 번호 - CS4362A-DQZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4362A-DQZR CIRRUS-CS4362A-DQZR Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

유사한 설명 - CS4362A-DQZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com