전자부품 데이터시트 검색엔진 |
|
CS497004-CQZ 데이터시트(PDF) 4 Page - Cirrus Logic |
|
CS497004-CQZ 데이터시트(HTML) 4 Page - Cirrus Logic |
4 / 36 page 4 Copyright 2008 Cirrus Logic DS752PP7 CS4970x4 Data Sheet 32-bit High Definition Audio Decoder DSP Family 1. Documentation Strategy The CS4970x4 data sheet describes the CS4970x4 family of multichannel audio decoders. This document should be used in conjunction with the following documents when evaluating or designing a system around the CS4970x4 family of processors. The scope of the CS4970x4 Data Sheet is primarily the hardware specifications of the CS4970x4 family of devices. This includes hardware functionality, characteristic data, pinout, and packaging information. The intended audience for the CS4970x4 Data Sheet is the system PCB designer, MCU programmer, and the quality control engineer. 2. Overview The CS4970x4 DSP Family, together with Cirrus Logic’s comprehensive library of audio processing algorithms, enables the development of next-generation high-definition audio solutions. Cirrus Logic also provides a broad array of digital interface products, audio converters, and ARM® Processors to meet your audio system-level design requirements. The CS4970x4 is available in 144-pin and 128-pin LQFP packages. The audio processing features of the CS4970x4 product family are a superset of audio features available in the CS4953xx product family. Please refer to Table 2 on page 5 for the speed and firmware features of CS4970x4 product family. Table 1. CS4970x4 Related Documentation Document Name Description CS4970x4 Data Sheet This document CS4970x4 System Designer’s Guide A new consolidated documentation set that includes: • Detailed system design information including Typical Connection Diagrams, Boot-Procedures, Pin Descriptions, Etc. Also describes use of DSP Condenser tool. • Detailed firmware design information including signal processing flow diagrams and control API information |
유사한 부품 번호 - CS497004-CQZ |
|
유사한 설명 - CS497004-CQZ |