전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5467-ISZ 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS5467-ISZ
상세설명  Four-channel Power / Energy IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467-ISZ 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS5467-ISZ Datasheet HTML 5Page - Cirrus Logic CS5467-ISZ Datasheet HTML 6Page - Cirrus Logic CS5467-ISZ Datasheet HTML 7Page - Cirrus Logic CS5467-ISZ Datasheet HTML 8Page - Cirrus Logic CS5467-ISZ Datasheet HTML 9Page - Cirrus Logic CS5467-ISZ Datasheet HTML 10Page - Cirrus Logic CS5467-ISZ Datasheet HTML 11Page - Cirrus Logic CS5467-ISZ Datasheet HTML 12Page - Cirrus Logic CS5467-ISZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
CS5467
DS714F1
9
VOLTAGE REFERENCE
Notes: 8. The voltage at VREFOUT is measured across the temperature range. From these measurements the
following formula is used to calculate the VREFOUT temperature coefficient.
9. Specified at maximum recommended output of 1 µA, source or sink.
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
VREFOUT
+2.4
+2.5
+2.6
V
Temperature Coefficient
(Note 8)
TCVREF
-
25
60
ppm/°C
Load Regulation
(Note 9)
∆VR
-6
10
mV
Reference Input
Input Voltage Range
VREFIN
+2.4
+2.5
+2.6
V
Input Capacitance
-
4
-
pF
Input CVF Current
-
100
-
nA
(VREFOUTMAX - VREFOUTMIN)
VREFOUTAVG
(
1
T
A
MAX
- T
A
MIN
(
1.0 x 10
(
6
TC
VREF =


유사한 부품 번호 - CS5467-ISZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
More results

유사한 설명 - CS5467-ISZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_11 Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
   Three-channel, Single-phase Power/Energy IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com