전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2726 데이터시트(PDF) 5 Page - SIRENZA MICRODEVICES

부품명 ML2726
상세설명  2.4GHz Low-IF 2.0Mbps FSK Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

ML2726 데이터시트(HTML) 5 Page - SIRENZA MICRODEVICES

  ML2726 Datasheet HTML 1Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 2Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 3Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 4Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 5Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 6Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 7Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 8Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ML2726
PRELIMINARY DATASHEET
OCT 2007
EDS-105982 REV P01
5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
low period >120 seconds
fFREF
Reference signal frequency
RD0=0, RD1=0
RD0=0, RD1=1
RD0=1, RD1=0
RD0=1, RD1=1
9.216
12.288
18.432
24.576
MHz
MHz
MHz
MHz
VFREF
Reference signal input level
sine wave, AC coupled
2.0
VCCA
VPP
RECEIVER
ZIN
Receiver input impedance
fc=2445MHz
Ω
NF
Receiver noise figure
fc=2445MHz
16.5
dB
DRRX
Data Rate
FSK modulation, fdev=+/-768kHz
2.048
Mbps
S
Input Sensitivity
<12.5% CER at 2.048Mchip/s
<0.1% BER at 2.048Mbps
-89
-80
dBm
dBm
BWRX
Bandwidth
3dB Bandwidth
1155
kHz
PIMAX
Maximum RX RF input
<12.5% CER at 2.048Mchip/s
<0.1% BER at 2.048Mb/s
+5
-4
dBm
dBm
IIP3
Receiver Input IP3
Test tones 2 and 4 channels away
-15
dBm
LO leakage at RXI
-60
dBm
IRR
Mixer Image Rejection Ratio
Measured at 3.5MHz offset
35
dB
Adjacent channel rejection
-80dBm wanted signal <10
-3 BER
Single 2GFSK modulated interferer
with a 2.0MHz –20dBc bandwidth
1 channel away
2 channels away
3 or more channels away
6
31
36
dB
dB
dB
IF FILTERS
fIFC
IF filter center frequency
After Automatic Filter Alignment
1.536
MHz
BWIF
IF filter 3dB bandwidth
After Automatic Filter Alignment
2108
kHz
LIMITER, AGC, AND FM DEMODULATOR
tOVLD
Recovery from overload
From +15dBm at input
5
12
μs
Eb/No
For 0.1% BER
10.5
dB
Co-Channel rejection, 0.1% BER
-80 dBm, modulated with 2.048Mbps
GFSK, BT=0.5, PRBS data
10.5
dB
VODC
Quiescent voltage @ AOUT
1.1
V
VOPK
Output voltage swing AOUT
0.55
1.1
VPP
VOL
AOUT open-drain voltage
IO=100μA, TPC Mode
0.4
V
RSSI PERFORMANCE
tRRSSI
RSSI rise time No Signal to
-15dBm into the IF mixer
20pF load, 20% to 80%
4.5
μs
tFRSSI
RSSI fall time, < -15dBm to
No Signal into the IF mixer
20pF load, 20% to 80%
3.0
μs
GRSMID
RSSI sensitivity
(V-40dBm – V-60dBm)/20dB
28
36
42
mV/dB
VRSMX
RSSI maximum voltage
See Figure 3
1.8
2.3
V


유사한 부품 번호 - ML2726

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

유사한 설명 - ML2726

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com