전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2726 데이터시트(PDF) 2 Page - SIRENZA MICRODEVICES

부품명 ML2726
상세설명  2.4GHz Low-IF 2.0Mbps FSK Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

ML2726 데이터시트(HTML) 2 Page - SIRENZA MICRODEVICES

  ML2726 Datasheet HTML 1Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 2Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 3Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 4Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 5Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 6Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 7Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 8Page - SIRENZA MICRODEVICES ML2726 Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ML2726
PRELIMINARY DATASHEET
OCT 2007
EDS-105982 REV P01
2
TABLE OF CONTENTS
GENERAL DESCRIPTION ........................................................................................................................................... 1
PIN CONFIGURATION................................................................................................................................................. 1
ORDERING INFORMATION ........................................................................................................................................ 1
FEATURES................................................................................................................................................................... 1
APPLICATIONS............................................................................................................................................................ 1
BLOCK DIAGRAM........................................................................................................................................................ 1
TABLE OF CONTENTS................................................................................................................................................ 2
SIMPLIFIED APPLICATIONS DIAGRAM..................................................................................................................... 3
ELECTRICAL CHARACTERISTICS............................................................................................................................. 4
PIN DESCRIPTIONS.................................................................................................................................................... 7
FUNCTIONAL DESCRIPTION ................................................................................................................................... 12
MODES OF OPERATION .......................................................................................................................................... 13
DATA INTERFACE..................................................................................................................................................... 15
CONTROL INTERFACES AND REGISTER DESCRIPTIONS .................................................................................. 17
DATA INTERFACES .................................................................................................................................................. 22
ADDITIONAL PERFORMANCE INFORMATION....................................................................................................... 24
PHYSICAL DIMENSIONS (INCHES/MILLIMETERS) ................................................................................................ 24
WARRANTY ............................................................................................................................................................... 25


유사한 부품 번호 - ML2726

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

유사한 설명 - ML2726

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com