전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54060 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL54060
상세설명  1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL54060 Datasheet HTML 2Page - Intersil Corporation ISL54060 Datasheet HTML 3Page - Intersil Corporation ISL54060 Datasheet HTML 4Page - Intersil Corporation ISL54060 Datasheet HTML 5Page - Intersil Corporation ISL54060 Datasheet HTML 6Page - Intersil Corporation ISL54060 Datasheet HTML 7Page - Intersil Corporation ISL54060 Datasheet HTML 8Page - Intersil Corporation ISL54060 Datasheet HTML 9Page - Intersil Corporation ISL54060 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6580.0
December 19, 2008
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
--
0.5
V
Input Voltage High, VINH
Full
1.6
--
V
Input Current, IINH, IINL
V+ = 4.5V, VIN = 0V or V+
25
-0.5
-
0.5
µ
A
Full
-0.2
-
µ
A
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 9),
Unless Otherwise Specified
.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 2.7V, ICOM = 100mA, VNO or VNC =
(V+ -6.5V) to V+ (see Figure 4 )
25
-
0.9
-
Ω
Full
-
0.96
-
Ω
rON Matching Between Channels,
Δr
ON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = Voltage
at max rON, (Note 13)
25
-
10
-
m
Ω
Full
-
17
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = (V+ -
6.5V) to V+, (Notes 12, 14)
25
-
0.33
0.5
Ω
Full
-
0.35
0.55
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
50
-
ns
Full
-
60
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
27
-
ns
Full
-
35
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
94
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 3)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(see Figure 5)
25
-
-95
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω
25
-
0.04
-
%
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 6)
25
-
36
-
pF
COMx ON Capacitance, CCOM(ON)
f = 1MHz (see Figure 6)
25
-
100
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.5
V
Input Voltage High, VINH
25
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.3V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Full
-
0.2
-
µA
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Note 9),
Unless Otherwise Specified
. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ISL54060, ISL54061


유사한 부품 번호 - ISL54060

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060 INTERSIL-ISL54060 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060 Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
More results

유사한 설명 - ISL54060

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com