전자부품 데이터시트 검색엔진 |
|
ISL21060 데이터시트(PDF) 5 Page - Intersil Corporation |
|
ISL21060 데이터시트(HTML) 5 Page - Intersil Corporation |
5 / 20 page 5 FN6706.3 December 16, 2008 VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 2.5 µVRMS Noise Density f = 1kHz 60 nV/ √Hz ΔV OUT/ΔTA Thermal Hysteresis (Note 4) ΔT A = +165°C 100 ppm ΔV OUT/Δt Long Term Stability (Note 5) TA = +25°C 100 ppm OUTPUT DISABLE VENH Enable Logic High (ON) 1.6 V VENL Enable Logic Low (OFF) 0.8 V IINSD Shutdown Supply Current VEN ≤ 0.35V 0.4 1.5 µA Electrical Specifications (ISL21060-30, VOUT = 3.000V) VIN = 3.5V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT Electrical Specifications (ISL21060-33, VOUT = 3.300V) VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT VOUT Output Voltage 3.300 V VOA VOUT Accuracy @ TA = +25°C ISL21060C33 -2.5 +2.5 mV TC VOUT Output Voltage Temperature Coefficient (Note 3) ISL21060C 25 ppm/°C VIN Input Voltage Range 3.5 5.5 V IIN Supply Current EN = VIN 18 40 µA ΔV OUT /ΔVIN Line Regulation 3.5V < VIN < 5.5V 20 150 µV/V ΔV OUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ I OUT ≤ 10mA 10 50 µV/mA Sinking: -5mA ≤ I OUT ≤ 0mA 120 400 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% 300 µs Ripple Rejection f = 10kHz 75 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 10 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 2.5 µVRMS Noise Density f = 1kHz 60 nV/ √Hz ΔV OUT/ΔTA Thermal Hysteresis (Note 4) ΔT A = +165°C 100 ppm ΔV OUT/Δt Long Term Stability (Note 5) TA = +25°C 100 ppm OUTPUT DISABLE VENH Enable Logic High (ON) 1.6 V VENL Enable Logic Low (OFF) 0.8 V IINSD Shutdown Supply Current VEN ≤ 0.35V 0.4 1.5 µA ISL21060 |
유사한 부품 번호 - ISL21060 |
|
유사한 설명 - ISL21060 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |