전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54215IRUZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL54215IRUZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54215IRUZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL54215IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54215IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
November 25, 2008
When nothing is plugged into the common connector or a
headphone is plugged into the common connector, the
microprocessor will sense that there is no voltage at the
VBUS pin of the connector and will drive and hold the IN
control pin of the ISL54215 low. As long as CTRL = Logic
“1,” the ISL54215 part will be in the audio mode and the
audio drivers of the media player can drive the headphones
and play music.
USB Mode
If the IN pin = Logic “1” and the CTRL pin = Logic “0” or
Logic “1”, the part will go into USB mode. In USB mode, the
D- and D+ 5
Ω switches are ON and the L and R 2.5Ω audio
switches are OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common connector, the µprocessor will
sense the presence of the 5V VBUS and drive the IN pin
voltage high. The ISL54215 part will go into the USB mode.
In USB mode, the computer or USB hub transceiver and the
MP3 player or cell phone USB transceiver are connected
and digital data will be able to be transmitted back and forth.
When the USB cable is disconnected, the µprocessor will
sense that the 5V VBUS voltage is no longer connected and
will drive the IN pin low and put the part back into the Audio
or Low Power Mode.
Low Power Mode
If the IN pin = Logic “0” and CTRL pin = Logic “0”, the part
will be in the Low Power mode. In the Low Power mode, the
audio switches and the USB switches are OFF (high
impedance). In this state, the device draws typically 1nA of
current.
In Low Power mode, the OFF-isolation and crosstalk
between switch cells is minimal for negative swinging
signals. Care should be taken to avoid negative swinging
signals in this mode of operation. In typical applications, the
Low Power state will be applied to the ISL54215 part when
the portable media player is in its sleep or hibernate mode to
conserve battery power. In the sleep mode, no audio or USB
signals are applied to the part.
USING THE COMPUTER VBUS VOLTAGE TO DRIVE THE
“IN” PIN
Rather than using a microprocessor to control the IN logic
pin, one can directly drive the IN pin using the 5V VBUS
voltage from the computer or USB hub. See the Application
Block Diagram, Figure 9.
When a headphone or nothing is connected at the common
connector, the internal 4M
Ω pull-down will pull the IN pin low,
putting the ISL54215 in the Audio or Low Power mode,
depending on the condition of the CTRL pin.
When a USB cable is connected at the common connector,
the voltage at the IN pin will be driven to 5V and the part will
automatically go into the USB mode.
When the USB cable is disconnected from the common
connector, the voltage at the IN pin will be pulled low by the
pull-down resistor and return to the Audio or Low Power
mode, depending on the condition of the CTRL pin.
Note: The ISL54215 contains an internal diode between the
IN pin and VDD pin. Whenever the IN voltage is greater than
the VDD voltage by more than 0.7V, current will flow through
this diode into the VDD power supply bus. An external series
resistor in the range of 100k
Ω to 500kΩ is required at the IN
logic pin to limit the current when driving it with the VBUS
voltage. This allows the VBUS voltage from a computer or
USB hub (4.4V to 5.25V) to drive the IN pin while the VDD
voltage is in the range of 2.5V to 3.6V. A 500k
Ω resistor will
limit the current to 2.76µA and still allow the IN logic voltage
to go to around 3.67V, which is will above the required VINH
level of 1.4V. A smaller series resistor can be used but more
current will flow.
ISL54215


유사한 부품 번호 - ISL54215IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54215IRUZ-T RENESAS-ISL54215IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

유사한 설명 - ISL54215IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54209 INTERSIL-ISL54209 Datasheet
877Kb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com