전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCDA05.TBT 데이터시트(PDF) 8 Page - Semtech Corporation

부품명 LCDA05.TBT
상세설명  Low Capacitance TVS Diode Array For High-Speed Data Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA05.TBT 데이터시트(HTML) 8 Page - Semtech Corporation

  LCDA05.TBT Datasheet HTML 1Page - Semtech Corporation LCDA05.TBT Datasheet HTML 2Page - Semtech Corporation LCDA05.TBT Datasheet HTML 3Page - Semtech Corporation LCDA05.TBT Datasheet HTML 4Page - Semtech Corporation LCDA05.TBT Datasheet HTML 5Page - Semtech Corporation LCDA05.TBT Datasheet HTML 6Page - Semtech Corporation LCDA05.TBT Datasheet HTML 7Page - Semtech Corporation LCDA05.TBT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LCDA05 through LCDA24
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
h
s
i
n
i
F
d
a
e
Ll
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
B
T
.
5
0
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
2
1
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
5
1
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
4
2
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
T
B
T
.
5
0
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
2
1
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
5
1
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
4
2
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
5
0
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
2
1
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
5
1
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
4
2
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
T
.
5
0
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
2
1
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
5
1
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
4
2
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
Ordering Information


유사한 부품 번호 - LCDA05.TBT

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
LCDA05 SEMTECH-LCDA05 Datasheet
171Kb / 7P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
logo
Sangdest Microelectroni...
LCDA05 SMC-LCDA05 Datasheet
151Kb / 4P
   ESD
logo
Shanghai Leiditech Elec...
LCDA05 LEIDITECH-LCDA05 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Socay Electornics Co., ...
LCDA05C-4 SOCAY-LCDA05C-4 Datasheet
177Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
LCDA05C-4 SOCAY-LCDA05C-4 Datasheet
177Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

유사한 설명 - LCDA05.TBT

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC03 LEIDITECH-SM8LC03 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12 LEIDITECH-LCDA12 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24C-4 LEIDITECH-LCDA24C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Semtech Corporation
LCDA05 SEMTECH-LCDA05 Datasheet
171Kb / 7P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
logo
Shanghai Leiditech Elec...
SM8LC05 LEIDITECH-SM8LC05 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SMDA08C LEIDITECH-SMDA08C Datasheet
712Kb / 4P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com