전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

H126 데이터시트(PDF) 1 Page - Baumer IVO GmbH & Co. KG

부품명 H126
부품 상세설명  Totalizers mechanic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

H126 데이터시트(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  H126 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG H126 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Totalizers mechanic
1
www.baumerivo.com
www.baumerivo.com
H 126 - Stroke counter
Features
Stroke and revolution counters
Adding
Display 5-digits
Manual reset by knurled knob
H 126, U 126
Technical data - mechanical design
Display
White numbers on black
Number of digits
5-digits
Digit height
4.5 mm
Reset
Reset by knurled knob
Drive shaft
Right or left, ø4 mm
Measuring range
99 999
Operating temperature
0...+60 °C
Housing type
Surface mount housing with
mounting plate
Housing colour
Grey
Dimensions W x H x L
40 x 29 x 27.5 mm
Dimensions mounting plate 60 x 29 mm
Mounting
Base plate, 4 mounting holes
Weight approx.
90 g
Materials
Housing: Hostaform POM, grey
Base blate: Steel zinc-coated
H 126
Function
Stroke counter
Count mode
Adding in a stroke direction to
be indicated. 1 stroke = 1 count
Stroke
>38° to <60°
Stroke lever
To be positioned on shaft at
will. Stroke lever relocates
automatically to start position.
Stroke frequency
≤500 strokes/min
U 126
Function
Revolution counter
Count mode
Adding in a rotational direction
to be indicated, subtracting in
reverse direction. 1 rev. = 1
count
Operating speed
≤2000 rpm
Stroke and revolution counters
Display 5-digits, reset button
U 126 - Revolution counter


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
F102 Totalizers electromechanic 1  2  3  4  Baumer IVO GmbH & Co. KG
F304 Totalizers electromechanic 1  2  3  4  Baumer IVO GmbH & Co. KG
F503 Totalizers electromechanic 1  2  3  4  Baumer IVO GmbH & Co. KG
F504 Totalizers electromechanic 1  2  3  4  Baumer IVO GmbH & Co. KG
FD270 Totalizers electromechanic 1  2  Baumer IVO GmbH & Co. KG
H7EC Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply 1  2  3  4  5  Omron Electronics LLC

링크 URL