전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MR211 데이터시트(PDF) 2 Page - Baumer IVO GmbH & Co. KG

부품명 MR211
부품 상세설명  Accessories & Service
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

MR211 데이터시트(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  MR211 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG MR211 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Accessories & Service
www.baumerivo.com
2
Measuring wheels
- 20 cm circumference
Part number
MR211.
A
Bore
04 ø4 mm
07 ø7 mm
MR241.
D
Bore
04 ø4 mm
05 ø5 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
MR261.
A
Bore
04 ø4 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
MR291.
D
Bore
04 ø4 mm
05 ø5 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
- 50 cm circumference
Part number
MR512.
A
Bore
07 ø7 mm
10 ø10 mm
MR542.
D
Bore
06 ø6 mm
07 ø7 mm
10 ø10 mm
12 ø12 mm
MR552.
A
Bore
07 ø7 mm
10 ø10 mm
MR562.
A
Bore
07 ø7 mm
10 ø10 mm
MR592.
D
Bore
06 ø6 mm
07 ø7 mm
10 ø10 mm
12 ø12 mm
- 1 foot circumference
Part number
MR752.
A
Bore
04 ø4 mm
07 ø7 mm
10 ø10 mm
Dimensions
159.15 ±0.2
24.8 ±0.3
33
M5 x 8
DIN914
MR241, MR291
M4 x 6
DIN916
63.66 ±0.1
12
17.5
MR542, MR592


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn