전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE213 데이터시트(PDF) 3 Page - Baumer IVO GmbH & Co. KG

부품명 NE213
상세설명  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE213 데이터시트(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  NE213 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE213 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE213 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE213 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electronic
3
www.baumerivo.com
www.baumerivo.com
NE213
2 presets, printer interface
Display LED, 8-digits, programmable
Part number
NE213. 3
AX09
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 12...30 VDC
Outputs
1 Relay outputs, B1 normally closed
2 Relay outputs, B1 normally open
3 Electronic outputs PNP
4 Electronic outputs NPN
Interface
3 RS232
Dimensions
72
18.5
108
105
1-6
7


유사한 부품 번호 - NE213

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

유사한 설명 - NE213

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE215 IVO-NE215 Datasheet
556Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com