전자부품 데이터시트 검색엔진 |
|
NE216.022AX01 데이터시트(PDF) 1 Page - Baumer IVO GmbH & Co. KG |
|
NE216.022AX01 데이터시트(HTML) 1 Page - Baumer IVO GmbH & Co. KG |
1 / 2 page www.baumerivo.com Preset counters electronic 1 www.baumerivo.com www.baumerivo.com NE216 - LED Preset counter Features Preset counter with two presets – Display 5-digits – Totalizer, hour counter – Operating mode, start count, scaling factor – programmable Connection: Incremental encoder or digital sensors – Step and trailing preset programmable – Interface RS485 – Technical data - electrical ratings Voltage supply 22...50 VAC (50/60 Hz) 85...265 VAC (50/60 Hz) 12...30 VDC Power consumption 5 VA, 5 W Sensor supply AC: 24 VDC ±20 % / 100 mA DC: 9...28 VDC / 100 mA Display LED, 7-segment display Number of digits 5-digits Digit height 7.6 mm Function Preset counter Main counter with 2 presets Totalizer Hour counter Scaling factor 0.0001...9999.99 Count modes Adding or subtracting A-B (difference counting) A+B total (parallel counting) Up/Down A 90° B phase evaluation Counting frequency 3 Hz, 25 Hz, 10 kHz programmable Operating modes Step preset, Trailing preset, Time meter and hour counter Data memory >10 years in EEPROM Reset Button, electric or automatic Outputs electronic Optocoupler Outputs relay Normally open or closed, programmable Output holding time 0.01...99.99 s Interface RS485 Standard DIN EN 61010-1 Protection class II Overvoltage category II Pollution degree 2 Emitted interference DIN EN 61000-6-4 Interference immunity DIN EN 61000-6-2 NE216 Technical data - mechanical design Operating temperature 0...+50 °C Storing temperature -20...+70 °C Relative humidity 80 % non-condensing E-connection Plug-in screw terminals Core cross-section 1.5 mm² Protection DIN EN 60529 IP 65 face with seal Operation / keypad Membrane with softkeys Housing type Built-in housing Dimensions W x H x L 48 x 48 x 100 mm Installation depth 100 mm Mounting Clip frame Cutout dimensions 45 x 45 mm (+0.6) Materials Housing: Makrolon 6485 (PC) Keypad: Polyester Weight approx. 150 g 2 presets, totalizer and batch counter Display LED, 5-digits, programmable Technical data - electrical ratings Programmable parameters Operating modes Sensor logic Scaling factor Count mode Control inputs Approvals UL/cUL, CE conform |
유사한 부품 번호 - NE216.022AX01 |
|
유사한 설명 - NE216.022AX01 |