전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Z100.01A 데이터시트(PDF) 1 Page - Baumer IVO GmbH & Co. KG

부품명 Z100.01A
부품 상세설명  Accessories & Service
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

Z100.01A 데이터시트(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  Z100.01A Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.baumerivo.com
Accessories & Service
1
Front panels
Front panels
Dimensions
Part number
Z 100.01A
Front panel with transparent protective cover,
for socket box 50 x 25 mm
Spring washer DIN127
M4 DIN934
Front frame or
front panel of
counter
Cover frame
Flexible
transparent protective cover
M4 x 20 DIN84
60
50
Front panel with flexible, transparent clear cover as
protection against dust and water. For front panel or front
frame 60 x 50 mm. Protection IP 55.


Html Pages

1 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
Z140 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z141 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z148 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z149 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z153 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z165A01 Accessories & Service 1  Baumer IVO GmbH & Co. KG
MR211 Accessories & Service 1  2  Baumer IVO GmbH & Co. KG
Z165AW1 Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z00105A Accessories & Service 1  Baumer IVO GmbH & Co. KG
Z165B01 Accessories & Service 1  Baumer IVO GmbH & Co. KG

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn