전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5311 데이터시트(PDF) 11 Page - Texas Instruments

부품명 DAC5311
상세설명  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5311 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DAC5311_08 Datasheet HTML 7Page - Texas Instruments DAC5311_08 Datasheet HTML 8Page - Texas Instruments DAC5311_08 Datasheet HTML 9Page - Texas Instruments DAC5311_08 Datasheet HTML 10Page - Texas Instruments DAC5311_08 Datasheet HTML 11Page - Texas Instruments DAC5311_08 Datasheet HTML 12Page - Texas Instruments DAC5311_08 Datasheet HTML 13Page - Texas Instruments DAC5311_08 Datasheet HTML 14Page - Texas Instruments DAC5311_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Time(500ns/div)
AV
=5V
ClockFeedthroughImpulse~0.5nV-s
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:800h
ToCode:801h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:801h
ToCode:800h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
~1nV-s
AV
=5V
FromCode:80h
ToCode:81h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
~1nV-s
AV
=5V
FromCode:81h
ToCode:80h
DD
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
CLOCK FEEDTHROUGH
5V, 2MHz, MIDSCALE
Figure 24.
GLITCH ENERGY
GLITCH ENERGY
5V, 12-BIT, 1LSB STEP, RISING EDGE
5V, 12-BIT, 1LSB STEP, FALLING EDGE
Figure 25.
Figure 26.
GLITCH ENERGY
GLITCH ENERGY
5V, 8-BIT, 1LSB STEP, RISING EDGE
5V, 8-BIT, 1LSB STEP, FALLING EDGE
Figure 27.
Figure 28.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5311 DAC6311 DAC7311


유사한 부품 번호 - DAC5311_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5311-Q1 TI-DAC5311-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311IDCKRG4 TI1-DAC5311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

유사한 설명 - DAC5311_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com