전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM65MLVD207D 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SM65MLVD207D
상세설명  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD207D 데이터시트(HTML) 5 Page - Texas Instruments

  SM65MLVD207D Datasheet HTML 1Page - Texas Instruments SM65MLVD207D Datasheet HTML 2Page - Texas Instruments SM65MLVD207D Datasheet HTML 3Page - Texas Instruments SM65MLVD207D Datasheet HTML 4Page - Texas Instruments SM65MLVD207D Datasheet HTML 5Page - Texas Instruments SM65MLVD207D Datasheet HTML 6Page - Texas Instruments SM65MLVD207D Datasheet HTML 7Page - Texas Instruments SM65MLVD207D Datasheet HTML 8Page - Texas Instruments SM65MLVD207D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VA = 3.8 V,
VB = 1.2 V,
0
32
Receiver or transceiver with driver
IA
VA = 0 V or 2.4 V,
VB = 1.2 V
–20
20
µA
disabled input current
VA = –1.4 V,
VB = 1.2 V
–32
0
VB = 3.8 V,
VA = 1.2 V
0
32
Receiver or transceiver with driver
IB
VB = 0 V or 2.4 V,
VA = 1.2 V
–20
20
µA
disabled input current
VB = –1.4 V,
VA = 1.2 V
–32
0
Receiver or transceiver with driver
IAB
disabled differential input current
VA = VB,
1.4
≤ VA ≤ 3.8 V
-4
4
µA
(IA – IB)
VA = 3.8 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
Receiver or transceiver power-off
IA(OFF)
VA = 0 V or 2.4 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
input current
VA = –1.4 V,
VB= 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
VB = 3.8 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
Receiver or transceiver power-off
IB(OFF)
VB = 0 V or 2.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
input current
VB = –1.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
Receiver input or transceiver
IAB(OFF)
power-off differential input current
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
µA
(IA – IB)
Transceiver with driver disabled input
CA
VA = 0.4 sin (30E6πt) + 0.5V
(2),
VB = 1.2 V
5
pF
capacitance
Transceiver with driver disabled input
CB
VB = 0.4 sin (30E6πt) + 0.5 V
(2),
VA = 1.2 V
5
pF
capacitance
Transceiver with driver disabled
CAB
VAB = 0.4 sin (30E6πt)V
(2)
3
pF
differential input capacitance
Transceiver with driver disabled input
CA/B
0.99
1.01
capacitance balance, (CA/CB)
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
tPLH
Propagation delay time, low-to-high-level output
1
1.5
2.4
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.5
2.4
ns
tr
Differential output signal rise time
1
1.6
ns
See Figure 5
tf
Differential output signal fall time
1
1.6
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
0
100
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(3)
100 MHz clock input(4)
2
3
ps
tjit(pp)
Peak-to-peak jitter(3) (5)
200 Mbps 215–1 PRBS input(6)
30
130
ps
tPHZ
Disable time, high-level-to-high-impedance output
7
ns
tPLZ
Disable time, low-level-to-high-impedance output
7
ns
See Figure 6
tPZH
Enable time, high-impedance-to-high-level output
7
ns
tPZL
Enable time, high-impedance-to-low-level output
7
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
(6)
tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207


유사한 부품 번호 - SM65MLVD207D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM65MLVD207D TI-SM65MLVD207D Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

유사한 설명 - SM65MLVD207D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com