전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80C32X2-MCE 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 TS80C32X2-MCE
상세설명  8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C32X2-MCE 데이터시트(HTML) 1 Page - ATMEL Corporation

  TS80C32X2-MCE Datasheet HTML 1Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 2Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 3Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 4Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 5Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 6Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 7Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 8Page - ATMEL Corporation TS80C32X2-MCE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Rev. 4184I–8051–02/08
Features
80C52 Compatible
– 8051 Pin and Instruction Compatible
– Four 8-bit I/O Ports
– Three 16-bit Timer/Counters
– 256 Bytes Scratchpad RAM
High-speed Architecture
40 MHz at 5V, 30 MHz at 3V
X2 Speed Improvement Capability (6 Clocks/Machine Cycle)
– 30 MHz at 5V, 20 MHz at 3V (Equivalent to 60 MHz at 5V, 40 MHz at 3V)
Dual Data Pointer
On-chip ROM/EPROM (8Kbytes)
Programmable Clock Out and Up/Down Timer/Counter 2
Asynchronous Port Reset
Interrupt Structure with
– 6 Interrupt Sources
– 4 Level Priority Interrupt System
Full Duplex Enhanced UART
– Framing Error Detection
– Automatic Address Recognition
Low EMI (Inhibit ALE)
Power Control Modes
– Idle Mode
– Power-down Mode
– Power-off Flag
Once Mode (On-chip Emulation)
Power Supply: 4.5 - 5.5V, 2.7 - 5.5V
Temperature Ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)
Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP44 (13.9 footprint)
Description
TS80C52X2 is high performance CMOS ROM, OTP, EPROM and ROMless versions
of the 80C51 CMOS single chip 8-bit microcontroller.
The TS80C52X2 retains all features of the 80C51 with extended ROM/EPROM
capacity (8 Kbytes), 256 bytes of internal RAM, a 6-source, 4-level interrupt system,
an on-chip oscilator and three timer/counters.
In addition, the TS80C52X2 has a dual data pointer, a more versatile serial channel
that facilitates multiprocessor communication (EUART) and an X2 speed improve-
ment mechanism.
The fully static design of the TS80C52X2 allows to reduce system power consumption
by bringing the clock frequency down to any value, even DC, without loss of data.
The TS80C52X2 has 2 software-selectable modes of reduced activity for further
reduction in power consumption. In the idle mode the CPU is frozen while the timers,
the serial port and the interrupt system are still operating. In the power-down mode the
RAM is saved and all other functions are inoperative.
8-bit
Microcontroller
8 Kbytes
ROM/OTP,
ROMless
TS80C32X2
TS87C52X2
TS80C52X2
AT80C32X2
AT80C52X2
AT87C52X2


유사한 부품 번호 - TS80C32X2-MCE

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TS80C32X2-MCEB TEMIC-TS80C32X2-MCEB Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-MCED TEMIC-TS80C32X2-MCED Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-MCER TEMIC-TS80C32X2-MCER Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
More results

유사한 설명 - TS80C32X2-MCE

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com